Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEP105NP-3R0MC-32 Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CDEP105NP-3R0MC-32
Description  SMD Power Inductor CDEP105
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP105NP-3R0MC-32 Fiches technique(HTML) 1 Page - Sumida Corporation

  CDEP105NP-3R0MC-32 Datasheet HTML 1Page - Sumida Corporation CDEP105NP-3R0MC-32 Datasheet HTML 2Page - Sumida Corporation CDEP105NP-3R0MC-32 Datasheet HTML 3Page - Sumida Corporation CDEP105NP-3R0MC-32 Datasheet HTML 4Page - Sumida Corporation CDEP105NP-3R0MC-32 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP105
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 10.4×10.4×5.6 mm Max.
• Product weight: 1.5g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13.0”diameter reel
• 500pcs per reel
Applications
• Ideally used in PC and other high current
power supply.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics1 – Low D.C.R. Type
4.9
4.0
4.8
23.8(19.8)
8.8
±20%
8R8ML
CDEP1Ø5NP-8R8MC-88
6.2
4.2
5.3
18.0(15.0)
7.2
±20%
7R2ML
CDEP1Ø5NP-7R2MC-88
7.4
4.9
5.8
12.4(10.3)
5.7
±20%
5R7ML
CDEP1Ø5NP-5R7MC-88
7.8
5.7
6.8
10.5(8.7)
4.3
±20%
4R3ML
CDEP1Ø5NP-4R3MC-88
9.0
6.6
7.8
7.5(6.2)
3.2
±20%
3R2ML
CDEP1Ø5NP-3R2MC-88
11.2
8.0
9.6
5.3(4.4)
2.2
±20%
2R2ML
CDEP1Ø5NP-2R2MC-88
13.0
10.0
12.0
4.1(3.4)
1.4
±20%
1R4ML
CDEP1Ø5NP-1R4MC-88
17.7
13.2
16.0
2.4(2.0)
0.8
±20%
0R8ML
CDEP1Ø5NP-ØR8MC-88
19.0
20.0
24.0
1.7(1.4)
0.36
±30%
0R3NL
CDEP1Ø5NP-ØR3NC-88
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
△T=40℃
SATURATION
CURRENT( A )
※2
D.C.R.. (m
Ω)
[MAX.]
(at 20
℃)
INDUCTANCE
(
μH) ※1
STAMP
PART NO.
10.0±0.4
10
.0
±
0.
4
Max.5.6
1.
0.
1
2.
0.
1
3.8
2.9
5.
0.
2
2.
0.
1
8.5 2.
5
11.0
2.9
3.8
2.0


Numéro de pièce similaire - CDEP105NP-3R0MC-32

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP105NP-3R2M SUMIDA-CDEP105NP-3R2M Datasheet
150Kb / 3P
   POWER INDUCTORS
More results

Description similaire - CDEP105NP-3R0MC-32

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com