Moteur de recherche de fiches techniques de composants électroniques |
|
D-602-0189 Fiches technique(PDF) 8 Page - Tyco Electronics |
|
D-602-0189 Fiches technique(HTML) 8 Page - Tyco Electronics |
8 / 9 page Shielded Contacts 8-74 Catalog 1654025 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 12-04 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Japan: 81-44-900-5102 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Singapore: 65-4866-151 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-1793-528171 SolderTacts Shielded One-Piece Solder Contacts (Continued) Contact Cable Diameter Military Wire Raychem Size Polarity Cable Type Specification* JOD SOD DOD COD (AWG) SolderTacts M39029/74-400 2.39–3.56 1.96–2.49 1.32–2.06 .28–.74 24–32 D-602-0094 12 P Coaxial [.094-.140] [.077-.098] [.052-.081] [.011-.029] M39029/73-397 2.39–3.56 1.96–2.49 1.32–2.06 .28–.74 24–32 D-602-0095 12 S Coaxial [.094-.140] [.077-.098] [.052-.081] [.011-.029] M39029/74-401 — — .74–1.45 .28–.74 24–32 D-602-0104 12 P Twisted pair [.029-.057] [.011-.029] M39029/73-398 — — .74–1.45 .28–.74 24–32 D-602-0105 12 S Twisted pair [.029-.057] [.011-.029] M39029/74-399 3.05–3.68 3.10–3.15 2.36–2.67 .28–.74 24–32 D-602-0106 12 P Large coaxial [.120-.145] [.122-.124] [.093-.105] [.011-.029] M39029/73-396 3.05–3.68 3.10–3.15 2.36–2.67 .28–.74 24–32 D-602-0107 12 S Large coaxial [.120-.145] [.122-.124] [.093-.105] [.011-.029] * These SolderTacts contacts are on qualified parts list for indicated specification. Tooling Selection Guide Engineering Convection Raychem Standard (Hot Air) Heating Repair Contact Contact Special SolderTacts (Termination AT-1319 Wand Insertion Removal Tools Part Number Instructions) Adapter Tool Tool D-602-0094/0095 ES61128 AT-1319-19 AD-1494 AD-1527 AD-1527 AD-1496 D-602-0106/0107 ES61134 Rev. D Rev. C (M81969/14-04) (M81969/14-04) (twisted) D-602-0104/0105 ES61129 — — — — — Note: AA-400 SuperHeater Compressed Air Heating Tool shown on page 10-2 can be used for installation. Another option is the Steinel® General Purpose Hot-Air Heating Tool shown on page 10-13. Raychem SolderTacts Size Polarity Cable Type Contact Military Reference Specification D-602-0185 16 socket Coaxial — D-602-0094 12 pin Coaxial M39029/74 D-602-0093* 12 socket Coaxial M39029/73 D-602-0106 12 pin Coax (large) M39029/74 D-602-0189* 12 socket Coax (large) M39029/73 *These SolderTacts contacts are intermateable with M39029/73, but are not on QPL. Raychem SolderTacts Size Polarity Cable Type Contact Military Reference Specification D-602-0186 8 pin Twisted pair M39029/96 D-602-0187 8 socket Twisted pair M39029/95 DK-602-0186-2 8 pin Sh. twisted pair M39029/96 DK-602-0187-2 8 socket Sh. twisted pair M39029/95 ** These SolderTacts contacts are designed for shielded twisted pair cable per MIL-STD-1553B. SolderTacts Series: MIL-C-83723 SolderTacts Series: DOD-C-83527 SolderTacts Series: DOD-C-83527 (data bus contacts)** |
Numéro de pièce similaire - D-602-0189 |
|
Description similaire - D-602-0189 |