Moteur de recherche de fiches techniques de composants électroniques |
|
BD15HC5MEFJ-LB Fiches technique(PDF) 4 Page - Rohm |
|
BD15HC5MEFJ-LB Fiches technique(HTML) 4 Page - Rohm |
4 / 24 page 4/21 BDxxHC5MEFJ-LB Datasheet TSZ02201-0R6R0AZ00570-1-2 © 2013 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・15・001 21.Feb.2014 Rev.002 Absolute Maximum Ratings (Ta=25℃) Parameter Symbol Limits Unit Power supply voltage VCC -0.3 to +10.0 * 1 V EN voltage VEN 10.0 V Power dissipation HTSOP-J8 Pd *2 2110 *2 mW Operating Temperature Range Topr -40 to +105 ℃ Storage Temperature Range Tstg -55 to +150 ℃ Junction Temperature Tjmax +150 ℃ *1 Not to exceed Pd *2 Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer) Recommended Operating Ratings (Ta=25℃) Parameter Symbol Min. Max. Unit Input power supply voltage VCC 4.5 8.0 V EN voltage VEN 0.0 8.0 V Output voltage setting range VO 1.5 7.0 V Output current IO 0.0 1.5 A Electrical Characteristics (Unless otherwise noted, EN=3V, Vcc=6V, R1=43kΩ, R2=8.2kΩ) Parameter Symbol Temp Min. Typ. Max. Unit Conditions Circuit current at shutdown mode ISD 25℃ - 0 5 μA VEN=0V, OFF mode -40~105℃ - - 5 Bias current ICC 25℃ - 600 900 μA -40~105℃ - - 1200 Line regulation Reg.I 25℃ -1.0 - 1.0 % VCC =( Vo+0.9V )→8.0V -40~105℃ -1.0 - 1.0 Load regulation Reg IO 25℃ -1.5 - 1.5 % IO=0→1.5A -40~105℃ -1.5 - 1.5 Minimum dropout Voltage1 VCO1 25℃ - 0.12 0.19 V VCC=5V, IO=300mA -40~105℃ - - 0.24 Minimum dropout Voltage2 VCO2 25℃ - 0.24 0.38 V VCC=5V, IO=600mA -40~105℃ - - 0.48 Minimum dropout Voltage3 VCO3 25℃ - 0.36 0.56 V VCC=5V, IO=900A -40~105℃ - - 0.72 Minimum dropout Voltage4 VCO4 25℃ - 0.48 0.75 V VCC=5V, IO=1.2A -40~105℃ - - 0.96 Minimum dropout Voltage5 VCO5 25℃ - 0.60 0.93 V VCC=5V, IO=1.5A -40~105℃ - - 1.2 Output reference voltage (Variable type) VFB 25℃ 0.792 0.800 0.808 V IO=0mA -40~105℃ 0.776 - 0.824 Output voltage(Fixed type) VO 25℃ Vo×0.99 Vo Vo×1.01 V IO=0mA -40~105℃ Vo×0.97 Vo Vo×1.03 EN Low voltage VEN(Low) 25℃ 0 - 0.8 V -40~105℃ 0 - 0.8 EN High voltage VEN(High) 25℃ 2.4 - 8.0 V -40~105℃ 2.4 - 8.0 EN Bias current IEN 25℃ 1 3 9 µA -40~105℃ - - 9 |
Numéro de pièce similaire - BD15HC5MEFJ-LB |
|
Description similaire - BD15HC5MEFJ-LB |