Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD30GA5MEFJ-LBH2 Fiches technique(PDF) 2 Page - Rohm

No de pièce BD30GA5MEFJ-LBH2
Description  0.5A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD30GA5MEFJ-LBH2 Fiches technique(HTML) 2 Page - Rohm

  BD30GA5MEFJ-LBH2 Datasheet HTML 1Page - Rohm BD30GA5MEFJ-LBH2 Datasheet HTML 2Page - Rohm BD30GA5MEFJ-LBH2 Datasheet HTML 3Page - Rohm BD30GA5MEFJ-LBH2 Datasheet HTML 4Page - Rohm BD30GA5MEFJ-LBH2 Datasheet HTML 5Page - Rohm BD30GA5MEFJ-LBH2 Datasheet HTML 6Page - Rohm BD30GA5MEFJ-LBH2 Datasheet HTML 7Page - Rohm BD30GA5MEFJ-LBH2 Datasheet HTML 8Page - Rohm BD30GA5MEFJ-LBH2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2/21
BDxxGA5MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00520-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Ordering Information
B
D
x
x
G
A
5
M
E
F
J
-
L B H 2
Part
Number
Output
voltage
00:Variable
15:1.5V
18:1.8V
25:2.5V
30:3.0V
33:3.3V
50:5.0V
60:6.0V
70:7.0V
80:8.0V
90:9.0V
J0:10.0V
J2:12.0V
Voltage
resistance
G:15V
Output
current
A5:0.5A
High
Reliability
Grade
“M”:Mseries
Package
EFJ:HTSOP-J8
Product class
LB for Industrial applications
Packaging and forming specification
H2:Emboss tape reel


Numéro de pièce similaire - BD30GA5MEFJ-LBH2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD30GA5MEFJ-E2 ROHM-BD30GA5MEFJ-E2 Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD30GA5MEFJ-ME2 ROHM-BD30GA5MEFJ-ME2 Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD30GA5MEFJ-ME2 ROHM-BD30GA5MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Description similaire - BD30GA5MEFJ-LBH2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-ME2 ROHM-BD00GA5MEFJ-ME2 Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BDXXHA5MEFJ-M ROHM-BDXXHA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com