Moteur de recherche de fiches techniques de composants électroniques |
|
BA4558YFV-M Fiches technique(PDF) 7 Page - Rohm |
|
BA4558YFV-M Fiches technique(HTML) 7 Page - Rohm |
7 / 20 page Datasheet www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RAR1G200630-1-2 TSZ22111・15・001 7/17 20.Feb.2013 Rev.001 BA4558Yxxx-M ○BA4558Yxxx-M (*) The above data is measurement value of typical sample, it is not guaranteed. Figure 6. Maximum Output Voltage - Load Resistance (VCC/VEE=+15V/-15V, Ta=25℃) -20 -15 -10 -5 0 5 10 15 20 0.1 1 10 LOAD RESISTANCE [k Ω] VOH VOL Figure 7. Maximum Output Voltage - Supply Voltage (RL=2k Ω, Ta=25℃) -20 -15 -10 -5 0 5 10 15 20 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] VOH VOL Figure 9. Maximum Output Voltage - Output Current (VCC/VEE=+15V/-15V, Ta=25℃) -20 -15 -10 -5 0 5 10 15 20 0 5 10 15 20 25 OUTPUT CURRENT [mA] VOL VOH Figure 8. Maximum Output Voltage - Ambient Temperature (VCC/VEE=+15V/-15V, RL=2k Ω) -20 -15 -10 -5 0 5 10 15 20 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE [℃] VOH VOL |
Numéro de pièce similaire - BA4558YFV-M |
|
Description similaire - BA4558YFV-M |