Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA2904YF-ME2 Fiches technique(PDF) 5 Page - Rohm

No de pièce BA2904YF-ME2
Description  Automotive Ground Sense Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA2904YF-ME2 Fiches technique(HTML) 5 Page - Rohm

  BA2904YF-ME2 Datasheet HTML 1Page - Rohm BA2904YF-ME2 Datasheet HTML 2Page - Rohm BA2904YF-ME2 Datasheet HTML 3Page - Rohm BA2904YF-ME2 Datasheet HTML 4Page - Rohm BA2904YF-ME2 Datasheet HTML 5Page - Rohm BA2904YF-ME2 Datasheet HTML 6Page - Rohm BA2904YF-ME2 Datasheet HTML 7Page - Rohm BA2904YF-ME2 Datasheet HTML 8Page - Rohm BA2904YF-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Datasheet
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200510-1-2
TSZ22111・15・001
5/26
26.SEP.2012 Rev.002
BA2904Yxxx-M, BA2902Yxx-M
●Electrical Characteristics
○BA2902Yxx-M (Unless otherwise specified VCC=+5V, VEE=0V)
*10
Absolute value
*11
Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.
Parameter
Symbol
Temperature
Range
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Offset Voltage
*10
Vio
25℃
-
2
7
mV
VOUT=1.4V
Full range
-
-
10
VCC=5 to 30V, VOUT=1.4V
Input Offset Voltage drift
△Vio/△T
-
-
±7
-
μV/℃ VOUT=1.4V
Input Offset Current
*10
Iio
25℃
-
2
50
nA
VOUT=1.4V
Full range
-
-
200
Input Offset Current drift
ΔIio/
ΔT
-
-
±10
-
pA/℃ VOUT=1.4V
Input Bias Current
*10
Ib
25℃
-
20
250
nA
VOUT=1.4V
Full range
-
-
250
Supply Current
ICC
25℃
-
0.7
2
mA
RL=∞, All Op-Amps
Full range
-
-
3
High Level Output Voltage
VOH
25℃
3.5
-
-
V
RL=2k
Full range
27
28
-
VCC=30V, RL=10k
Low Level Output Voltage
VOL
Full range
-
5
20
mV
RL=∞, All Op-Amps
Large Signal Voltage Gain
AV
25℃
25
100
-
V/mV
RL≧2k
Ω, VCC=15V
VOUT=1.4 to 11.4V
Input Common-mode
Voltage range
Vicm
25℃
0
-
VCC-1.5
V
(VCC-VEE)=5V
VOUT=VEE+1.4V
Common-mode Rejection Ratio
CMRR
25℃
50
80
-
dB
VOUT=1.4V
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5 to 30V
Output Source Current
*11
IOH
25℃
20
30
-
mA
VIN+=1V, VIN-=0V
VOUT=0V, 1CH is short circuit
Full range
10
-
-
Output Sink Current
*11
IOL
25℃
10
20
-
mA
VIN+=0V,VIN-=1V
VOUT=5V, 1CH is short circuit
Full range
2
-
-
Isink
25℃
12
40
-
μA
VIN+=0V, VIN-=1V
VOUT=200mV
Channel Separation
CS
25℃
-
120
-
dB
f=1kHz, input referred
Slew Rate
SR
25℃
-
0.2
-
V/
μs VCC=15V, AV=0dB
RL=2k
Ω, CL=100pF
Gain bandwidth product
GBW
25℃
-
0.5
-
MHz
VCC=30V, RL=2k
CL=100pF
Input Referred Noise Voltage
Vn
25℃
-
40
-
Hz
nV/
VCC=15V, VEE=-15V
RS=100
Ω, Vi=0V, f=1kHz


Numéro de pièce similaire - BA2904YF-ME2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA2904YF-ME2 ROHM-BA2904YF-ME2 Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
More results

Description similaire - BA2904YF-ME2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA2904YF-C ROHM-BA2904YF-C Datasheet
383Kb / 17P
   Automotive Operational Amplifiers: Ground Sense
BA2904FC ROHM-BA2904FC Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
BA2902YF-M ROHM-BA2902YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com