Moteur de recherche de fiches techniques de composants électroniques |
|
SD-1010WB Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers |
|
SD-1010WB Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 8 page ■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request. COPAL ELECTRONICS 10 0.6 W × 3.2 L × 1.2 D 5 4 3 2.54 2.54 4 6 – 0.6 ± 0.1 t = 0.15 Production date code 10 0.6 W × 3.2 L × 1.2 D 2.54 2.54 4 6 – 0.6 ± 0.1 t = 0.15 Production date code 10 0.6 W × 3.2 L × 1.5 D 5 4 3 2.54 2.54 4 6 – 0.6 ± 0.1 t = 0.15 Production date code 10 0.6 W × 3.2 L × 1.5 D 2.54 2.54 4 6 – 0.6 ± 0.1 t = 0.15 Production date code ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance: ± 0.3 (Unit: mm) <Gull wing, Top setting> ● SD-1010B (Real code) ● SD-1030B (Complementary code) ● SD-2010B (Real code) ● SD-2030B (Complementary code) ● SD-1210B (Real code) ● SD-1230B (Complementary code) ● SD-2210B (Real code) ● SD-2230B (Complementary code) SD-1000/2000 ROTARY CODED SWITCHES |
Numéro de pièce similaire - SD-1010WB |
|
Description similaire - SD-1010WB |