Moteur de recherche de fiches techniques de composants électroniques |
|
SI7108DN Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
SI7108DN Fiches technique(HTML) 2 Page - Vishay Siliconix |
2 / 12 page www.vishay.com 2 Document Number: 73216 S-80581-Rev. E, 17-Mar-08 Vishay Siliconix Si7108DN Notes: a. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %. b. Guaranteed by design, not subject to production testing. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted SPECIFICATIONS TJ = 25 °C, unless otherwise noted Parameter Symbol Test Conditions Min. Typ. Max. Unit Static Gate Threshold Voltage VGS(th) VDS = VGS, ID = 250 µA 12 V Gate-Body Leakage IGSS VDS = 0 V, VGS = ± 16 V ± 100 nA Zero Gate Voltage Drain Current IDSS VDS = 20 V, VGS = 0 V 1 µA VDS = 20 V, VGS = 0 V, TJ = 55 °C 5 On-State Drain Currenta ID(on) VDS ≥ 5 V, VGS = 10 V 40 A Drain-Source On-State Resistancea RDS(on) VGS = 10 V, ID = 22 A 0.0041 0.0049 Ω VGS = 4.5 V, ID = 19.7 A 0.005 0.0061 Forward Transconductancea gfs VDS = 15 V, ID = 22 A 88 S Diode Forward Voltagea VSD IS = 3.2 A, VGS = 0 V 0.75 1.2 V Dynamicb Total Gate Charge Qg VDS = 10 V, VGS = 4.5 V, ID = 22 A 20 30 nC Gate-Source Charge Qgs 6.3 Gate-Drain Charge Qgd 4.9 Gate Resistance Rg f = 1 MHz 0.7 1.4 2.1 Ω Turn-On Delay Time td(on) VDD = 20 V, RL = 20 Ω ID ≅ 1 A, VGEN = 10 V, Rg = 6 Ω 10 15 ns Rise Time tr 10 15 Turn-Off Delay Time td(off) 60 130 Fall Time tf 10 15 Source-Drain Reverse Recovery Time trr IF = 3.2 A, di/dt = 100 A/µs 30 60 Reverse Recovery Charge Qrr 20 36 nC Output Characteristics 0 10 20 30 40 50 60 0.0 0.2 0.4 0.6 0.8 1.0 1.2 VGS = 10 thru 4 V 3 V VDS - Drain-to-Source Voltage (V) Transfer Characteristics 0 10 20 30 40 50 60 0.0 0.5 1.0 1.5 2.0 2.5 3.0 25 °C TC = 125 °C - 55 °C VGS - Gate-to-Source Voltage (V) |
Numéro de pièce similaire - SI7108DN |
|
Description similaire - SI7108DN |