Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC5225S Fiches technique(PDF) 6 Page - Sanken electric

No de pièce LC5225S
Description  Off-Line DC / DC LED Driver ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5225S Fiches technique(HTML) 6 Page - Sanken electric

Back Button LC5225S Datasheet HTML 2Page - Sanken electric LC5225S Datasheet HTML 3Page - Sanken electric LC5225S Datasheet HTML 4Page - Sanken electric LC5225S Datasheet HTML 5Page - Sanken electric LC5225S Datasheet HTML 6Page - Sanken electric LC5225S Datasheet HTML 7Page - Sanken electric LC5225S Datasheet HTML 8Page - Sanken electric LC5225S Datasheet HTML 9Page - Sanken electric LC5225S Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Functional Block Diagram
Functional Block Diagram
Control Part
LC5220
6(7)
5(5,6)
4
1
8
3
2
OPP
Logic
Gate Driver
UVLO
TSD
Band Gap
Reference
Regulator
OCP
Blanking
PWM
Control
Reference
Control
CC_REF
OCP_REF
Output
Control
Logic
TSD
UVLO
PWM
OCP
OPP
SLEEP
ENABLE
REG
VBB
REF
PWM
GND
Pin numbers in parentheses refer to the SOP8 package
Current
Detect
CC
OC
SEN
OUT
PWM _IN
SEN_IN
Pin List Table
Name
Number
Function
DIP8
SOP8
REG
1
1
Internal regulator supply, provides current to internal and external circuits;
connect a 0.1 μF bypass capacitor between this pin and GND.
PWM
2
2
Input for PWM control: to use internal PWM, connect a capacitor for setting
off-time; to use external PWM, connect to PWM signal source.
REF
3
3
Reference voltage input: sets peak output current of OUT pin (internal power
MOSFET) for internal PWM control, enables toggling output of OUT pin
(Enable function), and enables latched shutdown of output (Sleep function)
SEN
4
4
Output current detection: detects peak output current for internal PWM control,
and detects overcurrent for OCP; connect to current detection resistor.
OUT
5
5, 6
Drain of internal power MOSFET.
VBB
6
7
Supply voltage, provides power to internal circuits through internal regulator.
GND
8
8
Ground pin.
7
LC5220D DIP8 pin removed to increase creepage distance between high
voltage pin and low voltage pin. Note: Apply user’s criteria for creepage
distance when using LC5220S SOP8.
1
2
3
4
8
6
5
GND
VBB
OUT
REG
PWM
REF
SEN
1
2
3
4
8
7
6
5
GND
VBB
OUT
OUT
REG
PWM
REF
SEN
Pin-out Diagrams
DIP8
(LC5220D series)
SOP8
(LC5220S series)
LC5222D/25D and
LC5222S/25S
6
SANKEN ELECTRIC CO., LTD.
LC5222D/25D_22S/25S-DS
Off-Line DC/DC LED Driver ICs
August 8, 2012


Numéro de pièce similaire - LC5225S

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
More results

Description similaire - LC5225S

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
logo
Microchip Technology
HV9805 MICROCHIP-HV9805 Datasheet
491Kb / 34P
   Off-Line LED Driver with True DC Output Current
01/27/15
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Toshiba Semiconductor
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com