Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC5202D Fiches technique(PDF) 4 Page - Sanken electric

No de pièce LC5202D
Description  Off-Line LED Driver ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5202D Fiches technique(HTML) 4 Page - Sanken electric

  LC5202D Datasheet HTML 1Page - Sanken electric LC5202D Datasheet HTML 2Page - Sanken electric LC5202D Datasheet HTML 3Page - Sanken electric LC5202D Datasheet HTML 4Page - Sanken electric LC5202D Datasheet HTML 5Page - Sanken electric LC5202D Datasheet HTML 6Page - Sanken electric LC5202D Datasheet HTML 7Page - Sanken electric LC5202D Datasheet HTML 8Page - Sanken electric LC5202D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
SANKEN ELECTRIC CO., LTD.
LC5200-DS, Rev. 6.0
Off-Line LED Driver ICs
LC5200 Series
Electrical Characteristics Unless specifically noted, TA is 25°C, VBB = 140 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Power Supply Current
IBBS
Output off
6 – 8
(7 – 8)
0.8
1.2
mA
IBB
Normal operation
6 – 8
(7 – 8)
2
mA
Output MOSFET Breakdown Voltage
V(BR)DSS
LC5202D
LC5202S
LC5203D
ID = 1 mA
5 – 4
(5,6 – 4)
250
――
V
LC5205D
LC5205S
LC5210D
450
――
V
Output MOSFET On-Resistance
RDS(ON)
LC5202D
LC5202S
ID = 0.5 A
5 – 4
(5,6 – 4)
1.2
2.2
Ω
LC5203D
ID = 1.0 A
0.7
1.3
Ω
LC5205D
LC5205S
ID = 0.5 A
3.5
6
Ω
LC5210D
ID = 1.0 A
1.7
3
Ω
Body Diode Forward Voltage
VF
LC5202D
LC5202S
IF = 0.5 A
4 – 5
(4 – 5,6)
0.8
1.0
V
LC5203D
IF = 1.0 A
0.75
1.2
V
LC5205D
LC5205S
IF = 0.5 A
0.8
0.9
V
LC5210D
IF = 1.0 A
0.88
1.0
V
UVLO Threshold (Turn on)
VUVLO(ON)
VBB pin
6 – 8
(7 – 8)
14
V
UVLO Threshold (Turn off)
VUVLO(OFF)
VBB pin
6 – 8
(7 – 8)
13
V
REG Pin Output Voltage
VREG
IREG = –0.1 mA
1 − 8
11.5
12
12.5
V
REG Pin Output Current
IREG
VREG = 11 V
1 − 8
――
−2mA
REF Pin Input Voltage
VREF
3 − 80
1V
REF Pin Input Current
IREF
3 − 8
−10
10
μA
Current Control Detection Voltage
VSEN
4 − 8VREF − 0.03
VREF
VREF + 0.03
V
OCP Detection Voltage
VOCP
4 − 8
3
V
SEN Pin Current
ISEN
4 − 8
−10
10
μA
PWM Blanking Time
tBLK
――
400
ns
PWM Operation Frequency
fPWM
Duty cycle = 50%
2 − 8
――
200
kHz
Output MOSFET Rise Time
tr
IO = 0.4 A
5 – 4
(5,6 – 4)
20
ns
Output MOSFET Fall Time
tf
IO = 0.4 A
5 – 4
(5,6 – 4)
50
ns
Thermal Shutdown Threshold
TTSD
Temperature of Control Part
――
150
°C
Thermal Shutdown Hysteresis
TTSD(HYS)
Temperature of Control Part
――
55
°C
Thermal Resistance
RθJA
LC52xxD
Mounted on the
Sanken evaluation
board; the thermal
resistance between
MOSFET and
ambient temperature
―――
72
°C/W
LC52xxS
―――
147
°C/W


Numéro de pièce similaire - LC5202D

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results

Description similaire - LC5202D

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
logo
Supertex, Inc
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
   Universal Off-line LED Driver Demoboard
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
   Off-Line, High Brightness LED Driver
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com