Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28C161U14I-30TE13 Fiches technique(PDF) 11 Page - Catalyst Semiconductor

No de pièce CAT28C161U14I-30TE13
Description  Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C161U14I-30TE13 Fiches technique(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT28C161U14I-30TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C161U14I-30TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C161U14I-30TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C161U14I-30TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C161U14I-30TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT28C161U14I-30TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT28C161U14I-30TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT28C161U14I-30TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT28C161U14I-30TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
9-105
CAT25CXXX
Stock No. 21085-01 4/98
Advanced
Symbol
Parameter
Min.
Max.
Units
tGLITCH
Glitch Reject Pulse Width
100
ns
VRT
Reset Threshold Hystersis
15
mV
VOLRS
Reset Output Low Voltage (IOLRS=1mA)
0.4
V
VOHRS
Reset Output High Voltage
Vcc-0.75
V
Reset Threshold (Vcc=5V)
4.50
4.75
(25CXXX-45)
Reset Threshold (Vcc=5V)
4.25
4.50
(25CXXX-42)
Reset Threshold (Vcc=3.3V)
3.00
3.15
(25CXXX-30)
Reset Threshold (Vcc=3.3V)
2.85
3.00
(25CXXX-28)
Reset Threshold (Vcc=3V)
2.55
2.70
(25CXXX-25)
Reset Threshold (Vcc=1.8V)
1.70
1.80
(25CXXX-17)
tPURST
Power-Up Reset Timeout
130
270
ms
tRPD
VTH to RESET Output Delay
5
µs
VRVALID
RESET Output Valid
1
V
RESET CIRCUIT CHARACTERISTICS
V
VTH
Figure 9. RESET Output Timing
GLITCH
t
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESET
RESET
RPD
t


Numéro de pièce similaire - CAT28C161U14I-30TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Description similaire - CAT28C161U14I-30TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com