Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F04SC Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74F04SC
Description  74F04 Hex Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F04SC Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74F04SC Datasheet HTML 1Page - Fairchild Semiconductor 74F04SC Datasheet HTML 2Page - Fairchild Semiconductor 74F04SC Datasheet HTML 3Page - Fairchild Semiconductor 74F04SC Datasheet HTML 4Page - Fairchild Semiconductor 74F04SC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA
Voltage
5% VCC
2.7
IOH = −1 mA
VOL
Output LOW
10% VCC
0.5
V
Min
IOL = 20 mA
Voltage
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All other pins grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All other pins grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
ICCH
Power Supply Current
2.8
4.2
mA
Max
VO = HIGH
ICCL
Power Supply Current
10.2
15.3
mA
Max
VO = LOW
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
2.4
3.7
5.0
2.0
7.0
2.4
6.0
ns
tPHL
An to On
1.5
3.2
4.3
1.5
6.5
1.5
5.3


Numéro de pièce similaire - 74F04SC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F04SC NSC-74F04SC Datasheet
108Kb / 8P
   Hex Inverter
logo
Fairchild Semiconductor
74F04SC FAIRCHILD-74F04SC Datasheet
48Kb / 4P
   Hex Inverter
74F04SC FAIRCHILD-74F04SC Datasheet
64Kb / 5P
   Hex Inverter
More results

Description similaire - 74F04SC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com