Moteur de recherche de fiches techniques de composants électroniques |
|
74ALVC164245DL,112 Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
74ALVC164245DL,112 Fiches technique(HTML) 1 Page - NXP Semiconductors |
1 / 20 page 1. General description The 74ALVC164245 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. The 74ALVC164245 is a 16-bit (dual octal) dual supply translating transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. It is designed to interface between a 3 V and 5 V bus in a mixed 3 V and 5 V supply environment. This device can be used as two 8-bit transceivers or one 16-bit transceiver. The direction control inputs (1DIR and 2DIR) determine the direction of the data flow. nDIR (active HIGH) enables data from nAn ports to nBn ports. nDIR (active LOW) enables data from nBn ports to nAn ports. The output enable inputs (1OE and 2OE), when HIGH, disable both nAn and nBn ports by placing them in a high-impedance OFF-state. Pins nAn, nOE and nDIR are referenced to VCC(A) and pins nBn are referenced to VCC(B). In suspend mode, when one of the supply voltages is zero, there will be no current flow from the non-zero supply towards the zero supply. The nAn-outputs must be set 3-state and the voltage on the A-bus must be smaller than Vdiode (typical 0.7 V). VCC(B) VCC(A) (except in suspend mode). 2. Features and benefits 5 V tolerant inputs/outputs for interfacing with 5 V logic Wide supply voltage range: 3 V port (VCC(A)): 1.5 V to 3.6 V 5 V port (VCC(B)): 1.5 V to 5.5 V CMOS low power consumption Direct interface with TTL levels Control inputs voltage range from 2.7 V to 5.5 V Inputs accept voltages up to 5.5 V High-impedance outputs when VCC(A) or VCC(B) = 0 V Complies with JEDEC standard JESD8-B/JESD36 ESD protection: HBM JESD22-A114F exceeds 2000 V MM JESD22-A115-A exceeds 200 V Specified from 40 C to +85 C and 40 C to +125 C 74ALVC164245 16-bit dual supply translating transceiver; 3-state Rev. 8 — 15 March 2012 Product data sheet |
Numéro de pièce similaire - 74ALVC164245DL,112 |
|
Description similaire - 74ALVC164245DL,112 |