Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2-141 Fiches technique(PDF) 39 Page - List of Unclassifed Manufacturers

No de pièce 2-141
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

2-141 Fiches technique(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 2-141 Datasheet HTML 35Page - List of Unclassifed Manufacturers 2-141 Datasheet HTML 36Page - List of Unclassifed Manufacturers 2-141 Datasheet HTML 37Page - List of Unclassifed Manufacturers 2-141 Datasheet HTML 38Page - List of Unclassifed Manufacturers 2-141 Datasheet HTML 39Page - List of Unclassifed Manufacturers 2-141 Datasheet HTML 40Page - List of Unclassifed Manufacturers 2-141 Datasheet HTML 41Page - List of Unclassifed Manufacturers 2-141 Datasheet HTML 42Page - List of Unclassifed Manufacturers 2-141 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 282 page
background image
2-36
Call Toll Free: 1 (800) 323-9612
Jones
Plugs/Sockets
Series 300
■ Solder lug terminals with .093" x .062" (2.36mm x 1.57mm) wiring holes.
■ Two-contact "Jones" connector is round, all others are rectangular.
■ For use in cable-to-panel and cable-to-cable applications.
■ Designed for light and medium duty.
■ Plug prongs are .156" (3.96mm) wide and .047" (1.19mm) thick.
■ Polarized to prevent wrong-way insertion.
■ Plugs have projecting flat blades, sockets have recessed twin bellows.
■ Cable clamps of zinc and clear irridite-plated steel used for strain relief.
■ UL Recognized-file E170218 (UL 1977), E130965 (UL1863).
■ CSA-LR31996.
■ See Panel Cutout dimension on page (2-38).
Multiple Density
Solder Eyelet
Insulation Material: Molded monoblock, general purpose
phenolic, black UL94V-1
Contact Material: Plug: Brass
Socket: Phosphor bronze
Contact Plating: Cadmium
Operating Temperature: Up to +105°C
Hood Material: UL 94V-0 rated thermoplastic
Operating Voltage:
250 VAC RMS maximum
Current Rating:
10 Amps
Contact Resistance:
16 Milliohms maximum
Marketed exclusively through distribution.


Numéro de pièce similaire - 2-141

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
2-1410271-0 MACOM-2-1410271-0 Datasheet
133Kb / 1P
   ASSEMBLY, POWER, RIGHT ANGLE HEADER, 4 CAVITY, 20.3MM, MULTIGIG
2-1410271-2 MACOM-2-1410271-2 Datasheet
133Kb / 1P
   ASSEMBLY, POWER, RIGHT ANGLE HEADER, 4 CAVITY, 20.3MM, MULTIGIG
2-1411095-1 MACOM-2-1411095-1 Datasheet
22Kb / 1P
   Abdeckkappe 75 pol., Kabelabgang links, 12 KS
2-1414939-2 MACOM-2-1414939-2 Datasheet
987Kb / 3P
   High Current Relay 150
logo
TE Connectivity Ltd
2-1414971-4 TEC-2-1414971-4 Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
More results

Description similaire - 2-141

FabricantNo de pièceFiches techniqueDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com