Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25C128SA-TE13 Fiches technique(PDF) 5 Page - Catalyst Semiconductor

No de pièce CAT25C128SA-TE13
Description  128K/256K-Bit SPI Serial CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C128SA-TE13 Fiches technique(HTML) 5 Page - Catalyst Semiconductor

  CAT25C128SA-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C128SA-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C128SA-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C128SA-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C128SA-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C128SA-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C128SA-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C128SA-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C128SA-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
CAT25C128/256
Doc. No. 25088-00 1/01
FUNCTIONAL DESCRIPTION
The CAT25C128/256 supports the SPI bus data trans-
mission protocol. The synchronous Serial Peripheral
Interface (SPI) helps the CAT25C128/256 to interface
directly with many of today’s popular microcontrollers.
The CAT25C128/256 contains an 8-bit instruction regis-
ter. (The instruction set and the operation codes are
detailed in the instruction set table)
After the device is selected with
CS going low, the first
byte will be received. The part is accessed via the SI pin,
with data being clocked in on the rising edge of SCK.
The first byte contains one of the six op-codes that define
the operation to be performed.
PIN DESCRIPTION
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses, and data to be written to the
25C128/256. Input data is latched on the rising edge of
the serial clock.
SO: Serial Output
SO is the serial data output pin. This pin is used to
transfer data out of the 25C128/256. During a read cycle,
data is shifted out on the falling edge of the serial clock.
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchro-
nize the communication between the microcontroller
and the 25C128/256. Opcodes, byte addresses, or data
present on the SI pin are latched on the rising edge of the
SCK. Data on the SO pin is updated on the falling edge
of the SCK.
CS
CS
CS
CS
CS: Chip Select
CSis the Chip select pin. CS low enables the CAT25C128/
256 and
CS high disables the CAT25C128/256. CS high
takes the SO output pin to high impedance and forces
the device into a Standby Mode (unless an internal write
operation is underway)
The CAT25C128/256 draws
ZERO current in the Standby mode. A high to low
transition on
CS is required prior to any sequence being
initiated. A low to high transition on
CS after a valid write
sequence is what initiates an internal write cycle.
WP
WP
WP
WP
WP: Write Protect
WP is the Write Protect pin. The Write Protect pin will
allow normal read/write operations when held high.
When
WP is tied low and the WPEN bit in the status
register is set to “1”, all write operations to the status
register are inhibited.
WP going low while CS is still low
will interrupt a write to the status register. If the internal
write cycle has already been initiated,
WP going low will
have no effect on any write operation to the status
register. The
WP pin function is blocked when the WPEN
bit is set to 0.
HOLD
HOLD
HOLD
HOLD
HOLD: Hold
HOLD is the HOLD pin. The HOLD pin is used to pause
transmission to the CAT25C128/256 while in the middle
of a serial sequence without having to re-transmit entire
sequence at a later time. To pause,
HOLD must be
brought low while SCK is low. The SO pin is in a high
impedance state during the time the part is paused, and
transitions on the SI pins will be ignored. To resume
communication,
HOLD is brought high, while SCK is low.
(HOLD should be held high any time this function is not
being used.)
HOLD may be tied high directly to Vcc or tied
to Vcc through a resistor. Figure 9 illustrates hold timing
sequence.
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 0011
Read Data from Memory
WRITE
0000 0010
Write Data to Memory
INSTRUCTION SET


Numéro de pièce similaire - CAT25C128SA-TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C128L-1.8-GT2 CATALYST-CAT25C128L-1.8-GT2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C128L-1.8-GT3 CATALYST-CAT25C128L-1.8-GT3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C128L-1.8T2 CATALYST-CAT25C128L-1.8T2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
More results

Description similaire - CAT25C128SA-TE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
logo
Seiko Instruments Inc
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com