Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6138A2 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6138A2
Description  DirectPath??Headphone Driver With Adjustable Gain
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6138A2 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA6138A2 Datasheet HTML 4Page - Texas Instruments TPA6138A2 Datasheet HTML 5Page - Texas Instruments TPA6138A2 Datasheet HTML 6Page - Texas Instruments TPA6138A2 Datasheet HTML 7Page - Texas Instruments TPA6138A2 Datasheet HTML 8Page - Texas Instruments TPA6138A2 Datasheet HTML 9Page - Texas Instruments TPA6138A2 Datasheet HTML 10Page - Texas Instruments TPA6138A2 Datasheet HTML 11Page - Texas Instruments TPA6138A2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
c
L
O
1
f =
2 R C
p
O
L c
1
C
=
2 R f
p
OPAMP
Co
Mute Circuit
Output
Enable
+
+
+
Conventional Solution
Mute Circuit
Output
Enable
3.3 V
+
TPA6138A2 Solution
VDD
VSS
GND
VDD
VDD/2
GND
DirectPath™
9 V–12 V
TPA6138A2
SLOS704A
– JANUARY 2011 – REVISED MAY 2011
www.ti.com
APPLICATION INFORMATION
Single-supply line-driver amplifiers typically require dc-blocking capacitors. The top drawing in Figure 7 illustrates
the conventional line-driver-amplifier connection to the load and output signal. DC blocking capacitors are often
large in value. The headphone load (typical resistive values of 16
Ω to 32 Ω) combine with the dc blocking
capacitors to form a high-pass filter. Equation 1 shows the relationship between the load impedance (RL), the
capacitor (CO), and the cutoff frequency (fC).
(1)
CO can be determined using Equation 2, where the load impedance and the cutoff frequency are known.
(2)
If fC is low, the capacitor must then have a large value because the load resistance is small. Large capacitance
values require large package sizes. Large package sizes consume PCB area, stand high above the PCB,
increase cost of assembly, and can reduce the fidelity of the audio output signal.
Figure 7. Conventional and DirectPath Line Driver
The DirectPath amplifier architecture operates from a single supply but makes use of an internal charge pump to
provide a negative voltage rail. Combining the user-provided positive rail and the negative rail generated by the
IC, the device operates in what is effectively a split-supply mode. The output voltages are now centered at zero
volts with the capability to swing to the positive rail or negative rail. The DirectPath amplifier requires no output
dc-blocking capacitors. The bottom block diagram and waveform of Figure 7 illustrate the ground-referenced
line-driver architecture. This is the architecture of the TPA6138A2.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPA6138A2


Numéro de pièce similaire - TPA6138A2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA6138A2PW TI-TPA6138A2PW Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
TPA6138A2PW TI1-TPA6138A2PW Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
TPA6138A2PW TI1-TPA6138A2PW Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results

Description similaire - TPA6138A2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA6138A2 TI-TPA6138A2_15 Datasheet
654Kb / 22P
[Old version datasheet]   TPA6138A2 DirectPath??Headphone Driver With Adjustable Gain
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV601 TI-DRV601 Datasheet
552Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
[Old version datasheet]   DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
[Old version datasheet]   DirectPath?? 3-VRMS Line Driver With Adjustable Gain
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
[Old version datasheet]   DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com