Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5684ARUZ-RL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5684ARUZ-RL7
Description  Quad, 16-/12-Bit nanoDAC with SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5684ARUZ-RL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD5684ARUZ-RL7 Datasheet HTML 1Page - Analog Devices AD5684ARUZ-RL7 Datasheet HTML 2Page - Analog Devices AD5684ARUZ-RL7 Datasheet HTML 3Page - Analog Devices AD5684ARUZ-RL7 Datasheet HTML 4Page - Analog Devices AD5684ARUZ-RL7 Datasheet HTML 5Page - Analog Devices AD5684ARUZ-RL7 Datasheet HTML 6Page - Analog Devices AD5684ARUZ-RL7 Datasheet HTML 7Page - Analog Devices AD5684ARUZ-RL7 Datasheet HTML 8Page - Analog Devices AD5684ARUZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5686/AD5684
Data Sheet
Rev. A | Page 4 of 28
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS3
Input Current
±2
±2
µA
Per pin
Input Low Voltage (VINL)
0.3 × VLOGIC
0.3 × VLOGIC
V
Input High Voltage (VINH)
0.7 × VLOGIC
0.7 × VLOGIC
V
Pin Capacitance
2
2
pF
LOGIC OUTPUTS (SDO)3
Output Low Voltage, VOL
0.4
0.4
V
ISINK = 200 μA
Output High Voltage, VOH
VLOGIC − 0.4
VLOGIC − 0.4
V
ISOURCE = 200 μA
Floating State Output
Capacitance
4
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
1.8
5.5
V
ILOGIC
3
3
µA
VDD
2.7
5.5
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode7
0.59
0.7
0.59
0.7
mA
All Power-Down Modes8
1
4
1
4
µA
−40°C to +85°C
6
6
µA
−40°C to +105°C
1
Temperature range, A and B grade: −40°C to +105°C.
2
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1 or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 256 to 65,280 (AD5686) or 12 to 4080 (AD5684).
3
Guaranteed by design and characterization; not production tested.
4
Channel A and Channel B can have a combined output current of up to 30 mA. Similarly, Channel C and Channel D can have a combined output current of up to
30 mA up to a junction temperature of 110°C.
5
VDD = 5 V. The device includes current limiting that is intended to protect the device during temporary overload conditions. Junction temperature can be exceeded
during current limit. Operation above the specified maximum operation junction temperature may impair device reliability.
6
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25
Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 23).
7
Interface inactive. All DACs active. DAC outputs unloaded.
8
All DACs powered down.


Numéro de pièce similaire - AD5684ARUZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
More results

Description similaire - AD5684ARUZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
   Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5696 AD-AD5696 Datasheet
748Kb / 24P
   Quad 16-/12-Bit nanoDAC I2C Interface
AD5024 AD-AD5024_16 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5686 AD-AD5686 Datasheet
746Kb / 27P
   Quad, 16-/12-Bit nanoDAC
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com