Moteur de recherche de fiches techniques de composants électroniques |
|
DLG150PS48 Fiches technique(PDF) 1 Page - XP Power Limited |
|
DLG150PS48 Fiches technique(HTML) 1 Page - XP Power Limited |
1 / 2 page Specification 50 150 Watts • AC Input LED Driver • Constant Voltage & Current Operation • High Power Factor • High Efficiency • Water Proof to IP67 • 90 305 VAC Input Voltage Range • 3 Year Warranty DLG Series Input Input Voltage • 90-305 VAC, see derating curve Input Frequency • 47-63 Hz Input Current • 50 W: 1.0 A at 115 VAC, 0.5 A at 230 VAC, 75 W: 1.2 A at 115 VAC, 0.6 A at 230 VAC, 100 W: 1.4 A at 115 VAC, 0.7 A at 230 VAC, 150 W: 2.0 A at 115 VAC, 1.0 A at 230 VAC Inrush Current • 65 A at 230 VAC, cold start +25 °C Power Factor • >0.94 at 230 VAC, full load Earth Leakage Current • DLG50/75: 500 µA max at 230 VAC DLG100/150: 750 µA max at 230 VAC No Load Input Power • 0.6 W max at 230 VAC Input Protection • DLG50/75 T2.5A/300V fuse fitted in line, DLG100 T3.15A/300V fuse fitted in line, DLG150 T4A/300V fuse fitted in line Output Output Voltage • See table Minimum Load • No minimum load required Start Up Delay • 1.5 s max at 115 VAC Hold Up Time • DLG50/75: No hold up DLG100/150: 16 ms minimum Line Regulation • ±0.5% Load Regulation • ±1.0% in constant voltage mode, ±5.0% in constant current mode Turn On Overshoot • 5% max Transient Response • 5% maximum deviation, recovery to within 1% in 10 ms for a 50% load change Ripple & Noise • DLG50/75(1) DLG100/150: 150 mV pk-pk up to 36 V output, 200 mV for 48 V output, 240 mV for ≥54 V output (see note 2) Overvoltage Protection • 110-142%, recycle mains to reset, only on DLG100 & DLG150 versions Overtemperature • Unit shuts down, recycle mains to reset Protection Overload Protection • 105% maximum, auto recovery Short Circuit Protection • Trip and restart (hiccup mode) Temperature • 0.04%/°C Coefficient xppower.com General Efficiency • See table Isolation • 3750 VAC Input to Output 1880 VAC Input to Ground 500 VAC Output to Ground Switching Frequency • DLG50/75: 40-80 kHz DLG100/150: PWM 60-80 kHz, PFC 55-133 kHz MTBF • >200 kHrs to MIL-HDBK-217F at 25 °C, GB Environmental Operating Temperature • DLG50/75: -40 °C to +60 °C (see derating curve), DLG100/150: -30 °C to +70 °C (see derating curve) Operating Humidity • 5-100% RH, non-condensing Storage Temperature • -40 °C to +80 °C Operating Altitude • 3000 m Vibration • 10-500 Hz, 2 g, 10 mins/cycle, 6 cycles in each of 3 axes EMC & Safety Emissions • EN55015, class B conducted and radiated Harmonic Currents • EN61000-3-2, class A EN61000-3-2, class C for loads >80% Voltage Flicker • EN61000-3-3 ESD Immunity • EN61000-4-2, 8 kV air and 4 kV contact, Perf Criteria A Radiated Immunity • EN61000-4-3, level 2 Perf Criteria A EFT/Burst • EN61000-4-4, level 2 Perf Criteria A Surge • EN61000-4-5, installation class 3, Perf Criteria A Conducted Immunity • EN61000-4-6, level 2 Perf Criteria A Dips & Interruptions • EN61000-4-11, 30% 10 ms, 60% 100 ms, 100% 5000 ms, Perf Criteria A, B, B Safety Approvals • EN61347, UL8750, CE Mark DLG100/150: IEC60950-1, EN60950-1, UL60950-1 Notes 1. DLG50/75 use a topology which results in increased levels of mains frequency related ripple. Contact technical sales for details. |
Numéro de pièce similaire - DLG150PS48 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |