Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM108AHRQMLV Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce LM108AHRQMLV
Description  LM108/LM108AQML Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM108AHRQMLV Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM108AHRQMLV Datasheet HTML 2Page - Texas Instruments LM108AHRQMLV Datasheet HTML 3Page - Texas Instruments LM108AHRQMLV Datasheet HTML 4Page - Texas Instruments LM108AHRQMLV Datasheet HTML 5Page - Texas Instruments LM108AHRQMLV Datasheet HTML 6Page - Texas Instruments LM108AHRQMLV Datasheet HTML 7Page - Texas Instruments LM108AHRQMLV Datasheet HTML 8Page - Texas Instruments LM108AHRQMLV Datasheet HTML 9Page - Texas Instruments LM108AHRQMLV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Absolute Maximum Ratings (Notes 2, 3)
LM108RH
LM108/LM108A
Supply Voltage
±22V
±20V
Power Dissipation (Note 4)
Metal Can
8 LD
330mW @ +125˚C
CERDIP
14LD
400mW @ +125˚C
CERDIP
8LD
400mW @ +125˚C
CERPACK
10LD
330mW @ +125˚C
Ceramic SOIC
10 LD
330mW @ +125˚C
Differential Input Current (Note 5)
±10 mA
Differential Input Voltage(Note 7)
±30V
N/A
Input Voltage (Note 6)
±20V
±15V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Thermal Resistance
θ
JA
Metal Can
8 LD
Still Air
500LF / Min Air Flow
150˚C/W
86˚C/W
CERDIP
14LD
Still Air
500LF / Min Air Flow
94˚C/W
55˚C/W
CERDIP
8LD
Still Air
500LF / Min Air Flow
120˚C/W
68˚C/W
CERPACK
10LD
Still Air
500LF / Min Air Flow
225˚C/W
142˚C/W
Ceramic SOIC
10 LD
Still Air
500LF / Min Air Flow
225˚C/W
142˚C/W
θ
JC
Metal Can
8 LD
38˚C/W
CERDIP
14LD
13˚C/W
CERDIP
8LD
17˚C/W
CERPACK
10LD
21˚C/W
Ceramic SOIC
10 LD
21˚C/W
Package Weight (typical)
Metal Can
8 LD
990mg
CERDIP
14LD
2,180mg
CERDIP
8LD
1,090mg
CERPACK
10LD
225mg
Ceramic SOIC
10 LD
210mg
Maximum Junction Teperature
175˚C
150˚C
Lead Temperature (Soldering, 10 sec)
300˚C
ESD Tolerance (Note 8)
2000V
www.national.com
5


Numéro de pièce similaire - LM108AHRQMLV

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM108AH NSC-LM108AH Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Linear Technology
LM108AH LINER-LM108AH Datasheet
451Kb / 8P
   Operational Amplifiers?
More results

Description similaire - LM108AHRQMLV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
logo
Rochester Electronics
LM108 ROCHESTER-LM108 Datasheet
337Kb / 4P
   OPERATIONAL AMPLIFIER Industry Part Number LM108
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com