Moteur de recherche de fiches techniques de composants électroniques |
|
DAC3171IRGCT Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
DAC3171IRGCT Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 56 page DAC3151 DAC3161 DAC3171 www.ti.com SLAS959A – AUGUST 2013 – REVISED AUGUST 2013 PIN ASSIGNMENT TABLE – DAC3151 (continued) PIN I/O DESCRIPTION NAME NO. DATA INTERFACE DATA[9:0]P/N 9/10- I LVDS input data bits for both channels. Each positive/negative LVDS pair has an internal 100 Ω 19/20 termination resistor. Data format relative to DATACLKP/N clock is Double Data Rate (DDR) with two data transfers per DATACKP/N clock cycle. 22/23 26/27, The data format is interleaved with channel A (rising edge) and channel B falling edge. 29/30, In the default mode (reverse bus not enabled): 31/32 DATA13P/N is most significant data bit (MSB) DATA0P/N is most significant data bit (LSB) DATACLKP/N 24/25 I DDR differential input data clock. Edge to center nominal timing. Ch A rising edge, Ch B falling edge in multiplexed output mode. SYNCP/N 6/7 I Reset the FIFO or to be used as a syncing source. These two functions are captured with the rising edge of DATACLKP/N. The signal captured by the falling edge of DATACLKP/N. ALIGNP/N 4/5 I LVPECL FIFO output syncrhonization. This positive/negative pair is captured with the rising edge of DACCLKP/N. It is used to reset the clock dividers and for multiple DAC synchronization. If unused it can be left unconnected. OUTPUT/CLOCK DACCLKP/N 1/2 I LVPECL clock input for DAC core with a self-bias of approximately CLKVDD18/2. IOUTAP/N 61/60 O A-Channel DAC current output. An offset binary data pattern of 0x0000 at the DAC input results in a full scale current source and the most positive voltage on the IOUTAP pin. Similarly, a 0xFFFF data input results in a 0 mA current source and the least positive voltage on the IOUTAP pin. REFERENCE EXTIO 58 I/O Used as external reference input when internal reference is disabled. Requires a 0.1 µF decoupling capacitor to GND when used as reference output. BIASJ 57 O Full-scale output current bias. For 20 mA full-scale output current, connect a 960 Ω resistor to GND. POWER SUPPLY IOVDD 45 I Supply voltage for CMOS IO’s. 1.8V – 3.3V. CLKVDD18 3 I 1.8V clock supply DIGVDD18 21, 28 I 1.8V digital supply. Also supplies LVDS receivers. VDDA18 50, 64 I Analog 1.8V supply VDDA33 55, 56, I Analog 3.3V supply 59 VFUSE 8 I Digital supply voltage. (1.8V) This supply pin is also used for factory fuse programming. Connect to DVDD pins for normal operation. NC 33/34- Not Used. These pins can be left open or tied to GROUND in actual application use. It is recommended 39/40, to turn off pin 33-40 (register lvdsdata_ena) to save power. 51, 52, 53, 54 62, 63 Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: DAC3151 DAC3161 DAC3171 |
Numéro de pièce similaire - DAC3171IRGCT |
|
Description similaire - DAC3171IRGCT |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |