Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC0063W06030R Fiches technique(PDF) 11 Page - Analog Devices

No de pièce MC0063W06030R
Description  EVAL-AD7903SDZ User Guide UG-609
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

MC0063W06030R Fiches technique(HTML) 11 Page - Analog Devices

Back Button MC0063W06030R Datasheet HTML 7Page - Analog Devices MC0063W06030R Datasheet HTML 8Page - Analog Devices MC0063W06030R Datasheet HTML 9Page - Analog Devices MC0063W06030R Datasheet HTML 10Page - Analog Devices MC0063W06030R Datasheet HTML 11Page - Analog Devices MC0063W06030R Datasheet HTML 12Page - Analog Devices MC0063W06030R Datasheet HTML 13Page - Analog Devices MC0063W06030R Datasheet HTML 14Page - Analog Devices MC0063W06030R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
EVAL-AD7903SDZ User Guide
UG-609
Rev. 0 | Page 11 of 32
EVALUATION BOARD CIRCUITRY
ANALOG INPUTS
The analog inputs to the evaluation board are SMA Connectors J6,
J7, J10, and J15. These inputs are buffered with dedicated amplifier
circuitry (U12, U14, U16, and U17), as shown in Figure 26 and
Figure 27. The circuit not only allows different configurations,
input range scaling, and filtering but also allows adding a dc
component and using different op amps and supplies. The analog
input amplifiers are set as unity-gain buffers by factory default.
The amplifier positive rail is driven from 7.5 V (from U13—
ADP7104). The negative amplifier rail is driven from –VS
(generated by U3—ADP2301).
The default configuration sets all op amps (U12, U14, U16, and
U17) at midscale, generated from a buffered reference voltage
divider (VCM).
The evaluation board is configured by factory default for providing
a differential analog input path to ADC1 and ADC2 (see Figure 16).
For dynamic performance, an FFT test can be done by applying
a very low distortion ac source.
For low frequency testing, the audio precision source can be
used directly because its outputs are isolated. Set the outputs for
a balanced and floating ground. Different sources can be used;
however, most are single-ended sources that use a fixed output
resistance.
By default, the evaluation board uses the amplifiers as unity-gain
buffers. The noninverting input has a common-mode adjustment
that involves a 49.9 kΩ shunt resistor. This resistor creates a
voltage divider with the source, which must be accounted for
when using the board.
REFERENCE
An external 5 V reference (U6—ADR435) is used to supply the
ADCs directly.
SERIAL INTERFACE
The evaluation board uses the SPORT interface from the
ADSP-BF527 DSP.
Multiple AND gates (U9, U10, and U11) are used to clock and
gate the SPORT transfer to the ADC device.


Numéro de pièce similaire - MC0063W06030R

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
MC00 CK-COMPONENTS-MC00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC000048 ETC2-MC000048 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000049 ETC2-MC000049 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
   USB C Male to USB 3.1 A Male Cable 1m
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
   USB 2.0 Micro B Male to C Male Cable 1m
More results

Description similaire - MC0063W06030R

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
UG-851 AD-UG-851 Datasheet
1Mb / 15P
   EVAL-AD7606SDZ/EVAL-AD7607SDZ/EVAL-AD7608SDZ User Guide
UG-223 AD-UG-223 Datasheet
743Kb / 20P
   This user guide describes the EVAL-AD7193EBZ evaluation
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
   EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com