Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC0063W06031100K Fiches technique(PDF) 3 Page - Analog Devices

No de pièce MC0063W06031100K
Description  EVAL-AD7903SDZ User Guide UG-609
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

MC0063W06031100K Fiches technique(HTML) 3 Page - Analog Devices

  MC0063W06031100K Datasheet HTML 1Page - Analog Devices MC0063W06031100K Datasheet HTML 2Page - Analog Devices MC0063W06031100K Datasheet HTML 3Page - Analog Devices MC0063W06031100K Datasheet HTML 4Page - Analog Devices MC0063W06031100K Datasheet HTML 5Page - Analog Devices MC0063W06031100K Datasheet HTML 6Page - Analog Devices MC0063W06031100K Datasheet HTML 7Page - Analog Devices MC0063W06031100K Datasheet HTML 8Page - Analog Devices MC0063W06031100K Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
EVAL-AD7903SDZ User Guide
UG-609
Rev. 0 | Page 3 of 32
GENERAL DESCRIPTION
The EVAL-AD7903SDZ is an evaluation board designed to
demonstrate the low power AD7903 performance and to
provide an easy to understand interface for a variety of system
applications. The AD7903 is a dual differential 16-bit, 1 MSPS
PulSAR® ADC. A full description of the AD7903 is available in
the AD7903 data sheet and should be consulted when using this
evaluation board.
The evaluation board is ideal for use with the Analog Devices, Inc.,
system demonstration platform (SDP) board, EVAL-SDP-CB1Z.
The evaluation board interfaces to the SDP board via a 120-pin
connector. SMA Connectors J6, J7, J10, and J15 are provided to
connect a low noise analog signal source.
The user PC software executable controls the evaluation board
over the USB through the SDP board, EVAL-SDP-CB1Z.
On-board components include the following:
ADR435: high precision, buffered band gap 5.0 V reference
AD8031: reference buffer
ADA4841-1: signal conditioning circuit with op amps
ADP7104 and ADP2301: regulators to derive necessary voltage
levels on board


Numéro de pièce similaire - MC0063W06031100K

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
MC00 CK-COMPONENTS-MC00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC000048 ETC2-MC000048 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000049 ETC2-MC000049 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
   USB C Male to USB 3.1 A Male Cable 1m
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
   USB 2.0 Micro B Male to C Male Cable 1m
More results

Description similaire - MC0063W06031100K

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
UG-851 AD-UG-851 Datasheet
1Mb / 15P
   EVAL-AD7606SDZ/EVAL-AD7607SDZ/EVAL-AD7608SDZ User Guide
UG-223 AD-UG-223 Datasheet
743Kb / 20P
   This user guide describes the EVAL-AD7193EBZ evaluation
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
   EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com