Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN23SV04TMPX Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN23SV04TMPX
Description  FAN23SV04T TinyBuck 4 A Integrated Synchronous Buck Regulator for DDR Termination
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN23SV04TMPX Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN23SV04TMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN23SV04TMPX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN23SV04T • Rev. 1.0.1
7
Typical Performance Characteristics
Tested using evaluation board circuit shown in Figure 1 with VIN=12 V, VOUT=0.6 V, fSW=500 kHz, TA=25°C, and no
airflow; unless otherwise specified.
Figure 6.
Efficiency vs. Load Current VIN=12 V
and fSW=500 kHz
Figure 7.
Efficiency vs. Load Current VIN=12 V
and fSW=500 kHz
Figure 8.
Efficiency vs. Load Current with VIN=12 V
and VOUT=0.6 V
Figure 9. Case Temperature Rise vs. Load Current
Figure 10.
Load Regulation
Figure 11.
Startup Waveforms Using Soft-Start with
2.4 A Resistive Load
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
Load Current (A)
Vo=1.05V, L=1.2µH
Vo=0.9V, L=1.2µH
Vo=0.75V, L=0.72µH
Vo=0.6V, L=0.72µH
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Load Current (A)
Vo=5V, L=3.3µH
Vo=3.3V, L=2.4µH
Vo=1.2V, L=1.2µH
40
45
50
55
60
65
70
75
80
85
90
0
2
4
6
Load Current (A)
Fsw=500kHz, L=0.72µH
Fsw=1MHz, L=0.4µH
Fsw=1.5MHz, L=0.4µH
0
5
10
15
20
25
0
2
4
6
Load Current (A)
12Vi/0.6Vo/1.5MHz
12Vi/0.6Vo/1MHz
12Vi/0.6Vo/500kHz
0.585
0.590
0.595
0.600
0.605
0.610
0.615
0.620
0.625
0
1
2
3
4
5
6
Load Current (A)
RLOAD=0.25
Ω
VIN=12V
VOUT (0.5V/div)
VDDQ (1V/div)
EN (5V/div)
VSS (0.5V/div)


Numéro de pièce similaire - FAN23SV04TMPX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
More results

Description similaire - FAN23SV04TMPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
   4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
FAN5361 FAIRCHILD-FAN5361 Datasheet
1Mb / 17P
   6MHz, 600mA TinyBuck??Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com