Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-073A Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-073A
Description  Very Low Power Consumption High Gain Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-073A Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-073A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-073A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Absolute Maximum Ratings
(No Derating Required up to 70
°C)
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
85
°C
Average Forward Input Current (HCPL-4701/4731)
I
F(AVG)
10
mA
Average Forward Input Current (HCPL-070A/073A)
I
F(AVG)
5mA
Peak Transient Input Current (HCPL-4701/4731)
I
FPK
20
mA
(50% Duty Cycle, 1 ms Pulse Width)
Peak Transient Input Current (HCPL-070A/073A)
I
FPK
10
mA
(50% Duty Cycle, 1 ms Pulse Width)
Reverse Input Voltage
V
R
2.5
V
Input Power Dissipation (Each Channel)
P
I
15
mW
Output Current (Each Channel)
I
O
60
mA
Emitter Base Reverse Voltage (HCPL-4701/070A)
V
EB
0.5
V
Output Transistor Base Current (HCPL-4701/070A)
I
B
5mA
Supply Voltage
V
CC
-0.5
18
V
Output Voltage
V
O
-0.5
18
V
Output Power Dissipation (Each Channel)
P
O
100
mW
Total Power Dissipation (Each Channel)
P
T
115
mW
Lead Solder Temperature (for Through Hole Devices)
260
°C for 10 sec., 1.6 mm below seating plane
Reflow Temperature Profile
See Package Outline Drawings section
(for SOIC-8 and Option #300)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC*
1.6
18
V
Forward Input Current (ON)
IF(ON)
40
5000
µA
Forward Input Voltage (OFF)
VF(OFF)
0
0.8
V
Operating Temperature
TA
070
°C
*See Note 1.


Numéro de pièce similaire - HCPL-073A

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-073A HP-HCPL-073A Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073A AVAGO-HCPL-073A Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
More results

Description similaire - HCPL-073A

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
   Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
   Very Low Power Consumption High Gain Optocouplers
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
   Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
   Very Low Power Consumption
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
   Very Low Power Consumption
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com