Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF8721GPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF8721GPBF
Description  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF8721GPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF8721GPBF Datasheet HTML 1Page - International Rectifier IRF8721GPBF Datasheet HTML 2Page - International Rectifier IRF8721GPBF Datasheet HTML 3Page - International Rectifier IRF8721GPBF Datasheet HTML 4Page - International Rectifier IRF8721GPBF Datasheet HTML 5Page - International Rectifier IRF8721GPBF Datasheet HTML 6Page - International Rectifier IRF8721GPBF Datasheet HTML 7Page - International Rectifier IRF8721GPBF Datasheet HTML 8Page - International Rectifier IRF8721GPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF8721GPbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.021
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.9
8.5
m
–––
10.6
12.5
VGS(th)
Gate Threshold Voltage
1.35
–––
2.35
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-6.2
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
27
–––
–––
S
Qg
Total Gate Charge
–––
8.3
12
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.0
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.0
–––
nC
Qgd
Gate-to-Drain Charge
–––
3.2
–––
Qgodr
Gate Charge Overdrive
–––
2.0
–––
See Fig. 16a and 16b
Qsw
Switch Charge (Qgs2 + Qgd)
–––
4.2
–––
Qoss
Output Charge
–––
5.0
–––
nC
RG
Gate Resistance
–––
1.8
3.0
td(on)
Turn-On Delay Time
–––
8.2
–––
tr
Rise Time
–––
11
–––
td(off)
Turn-Off Delay Time
–––
8.1
–––
ns
tf
Fall Time
–––
7.0
–––
Ciss
Input Capacitance
–––
1040
–––
Coss
Output Capacitance
–––
229
–––
pF
Crss
Reverse Transfer Capacitance
–––
114
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
3.1
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
112
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
14
21
ns
Qrr
Reverse Recovery Charge
–––
15
23
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
See Fig. 15a
Max.
68
11
ƒ = 1.0MHz
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 14A e
MOSFET symbol
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
ID = 11A
VDS = 15V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
TJ = 25°C, IF = 11A, VDD = 15V
di/dt = 300A/µs
e
TJ = 25°C, IS = 11A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 11A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 25µA
RG = 1.8Ω
VDS = 15V, ID = 11A
VDS = 24V, VGS = 0V, TJ = 125°C
–––
ID = 11A
VGS = 0V
VDS = 15V


Numéro de pièce similaire - IRF8721GPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF8721PBF IRF-IRF8721PBF Datasheet
235Kb / 9P
   HEXFET Power MOSFET
IRF8721PBF IRF-IRF8721PBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8721PBF IRF-IRF8721PBF Datasheet
235Kb / 9P
   Control MOSFET for Isolated DC-DC Converters in Networking Systems
IRF8721PBF-1 IRF-IRF8721PBF-1 Datasheet
213Kb / 9P
   HEXFETPower MOSFET
IRF8721PBF-1 IRF-IRF8721PBF-1 Datasheet
213Kb / 9P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com