Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF6728MTRPBF Fiches technique(PDF) 7 Page - International Rectifier

No de pièce IRF6728MTRPBF
Description  HEXFET Power MOSFET plus Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF6728MTRPBF Fiches technique(HTML) 7 Page - International Rectifier

  IRF6728MTRPBF Datasheet HTML 1Page - International Rectifier IRF6728MTRPBF Datasheet HTML 2Page - International Rectifier IRF6728MTRPBF Datasheet HTML 3Page - International Rectifier IRF6728MTRPBF Datasheet HTML 4Page - International Rectifier IRF6728MTRPBF Datasheet HTML 5Page - International Rectifier IRF6728MTRPBF Datasheet HTML 6Page - International Rectifier IRF6728MTRPBF Datasheet HTML 7Page - International Rectifier IRF6728MTRPBF Datasheet HTML 8Page - International Rectifier IRF6728MTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRF6728MTRPbF
www.irf.com
7
Fig 18.
Diode Reverse Recovery Test Circuit for HEXFET® Power MOSFETs
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
*** VGS = 5V for Logic Level Devices
***
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

**
*
* Use P-Channel Driver for P-Channel Measurements
** Reverse Polarity for P-Channel
DirectFET™ Board Footprint, MX Outline
(Medium Size Can, X-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET.
This includes all recommendations for stencil and substrate designs.
G
S
G=GATE
D=DRAIN
S=SOURCE
S
D
D
D
D


Numéro de pièce similaire - IRF6728MTRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6728MTRPBF IRF-IRF6728MTRPBF Datasheet
253Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com