Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FQA10N80C-F109 Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce FQA10N80C-F109
Description  FQA10N80C_F109 N-Channel QFET® MOSFET 800 V, 10 A, 1.1 Ω
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA10N80C-F109 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQA10N80C-F109 Datenblatt HTML 1Page - Fairchild Semiconductor FQA10N80C-F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA10N80C-F109 Datenblatt HTML 3Page - Fairchild Semiconductor FQA10N80C-F109 Datenblatt HTML 4Page - Fairchild Semiconductor FQA10N80C-F109 Datenblatt HTML 5Page - Fairchild Semiconductor FQA10N80C-F109 Datenblatt HTML 6Page - Fairchild Semiconductor FQA10N80C-F109 Datenblatt HTML 7Page - Fairchild Semiconductor FQA10N80C-F109 Datenblatt HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
FQA10N80C_F109 Rev. C1
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted.
Notes :
1. Repetitive Rating : Pulse width limited by maximum junction temperature.
2. L = 17.3 mH, IAS = 10 A, VDD = 50 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 8.4 A, di/dt ≤ 200 A/μs, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature.
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FQA10N80C
FQA10N80C_F109
TO-3PN
Tube
N/A
30 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 μA
800
--
--
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, Referenced to 25°C
--
0.98
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 800 V, VGS = 0 V
--
--
10
μA
VDS = 640 V, TC = 125°C
--
--
100
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 μA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 5.0 A
--
0.93
1.1
Ω
gFS
Forward Transconductance
VDS = 50 V, ID = 5.0 A
--
5.8
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
2150
2800
pF
Coss
Output Capacitance
--
180
230
pF
Crss
Reverse Transfer Capacitance
--
15
20
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 400 V, ID = 10.0 A,
RG = 25 Ω
(Note4)
--
50
110
ns
tr
Turn-On Rise Time
--
130
270
ns
td(off)
Turn-Off Delay Time
--
90
190
ns
tf
Turn-Off Fall Time
--
80
170
ns
Qg
Total Gate Charge
VDS = 640 V, ID = 10.0 A,
VGS = 10 V
(Note 4)
--
45
58
nC
Qgs
Gate-Source Charge
--
13.5
--
nC
Qgd
Gate-Drain Charge
--
17
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
10.0
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
40.0
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 10.0 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 10.0 A,
dIF / dt = 100 A/μs
--
730
--
ns
Qrr
Reverse Recovery Charge
--
10.9
--
μC


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn