Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCCE-060X132 Fiches technique(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

No de pièce LCCE-060X132
Description  AC Input 100~277Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Site Internet  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-060X132 Fiches technique(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-060X132 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-060X132 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 277VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
Reference
4.6
Meet CE EN55015
90-305VAC, 127-431VDC, Normal:100-277VAC
COLD START 45A @ 230VAC
0.8A/100VAC 0.3A/277VAC
<0.7mA/132VAC
48
min.
norm.
max.
LCCE-060 132
Model NO.
Part NO.
Constant Current Power Supply
131mm * 58mm * 39.4mm
LCCE-060 132
PLCCE0060 132
Model Name
SIZE
DC OUTPUT POWER
INRUSH CURRENT (typ)
AC CURRENT
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(6)
OUTPUT CURRENT(A) *(5)
SETUP
LEAKAGE CURRENT
INPUT VOLTAGE RANGE
INPUT FREQUENCY
◆ ROHS
SHORT CIRCUIT PROTECTION
0.03% / ℃ (0-50℃, typ)
SAFETY
Meet UL / Meet TUV / PSE
RELATIVE HUMIDITY
10 to +95%
OVER TEMP. PROTECTION
-40 to +80℃
EFFICIENCY(typ @Full Load)
FEATURES
◆ EMC: Meet CE
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (mm): L*W*H: 131mm * 58mm * 39.4mm
◆ Protection: SCP / OTP / OVP
PRESET ACCURACY (%) *(7)
O/P NOISE (P-P, V) *(3)
*(8)
Module : LCCE-060 132
◆ AC Input 100~277Vac
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Safety: Meet UL / Meet TUV / PSE
DIMENSIONS
STORAGE TEMPERATURE
OVER V, PROTECTION
EMI
TEMP. COEFFICIENT
OPERATING TEMP.*(4)
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth.
(4)Specified for free-air convection cooling.
5
62.4 W
-20 to +60℃@full load
SCP, OTP, OVP will restart automatically after the fault condition is removed
3000ms at full load 115VAC/230VAC
88%
Ver B
131mm * 58mm * 39.4mm (L*W*H)
5
1.3
Range:47-63Hz, Normal:50-60Hz
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Numéro de pièce similaire - LCCE-060X132

FabricantNo de pièceFiches techniqueDescription
logo
LinkCom Manufacturing C...
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X152 LINKCOM-LCCE-060X152 Datasheet
157Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X172 LINKCOM-LCCE-060X172 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results

Description similaire - LCCE-060X132

FabricantNo de pièceFiches techniqueDescription
logo
LinkCom Manufacturing C...
LCCH-100X120 LINKCOM-LCCH-100X120 Datasheet
444Kb / 2P
   AC Input 100~277Vac OVP / OTP / SCP
LCCE-013X501 LINKCOM-LCCE-013X501 Datasheet
264Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X701 LINKCOM-LCCE-017X701 Datasheet
236Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-013X112 LINKCOM-LCCE-013X112 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-015X112 LINKCOM-LCCE-015X112 Datasheet
269Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X112 LINKCOM-LCCE-017X112 Datasheet
258Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X122 LINKCOM-LCCE-017X122 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCE-017X142 LINKCOM-LCCE-017X142 Datasheet
270Kb / 2P
   AC Input 100~277Vac SCP / OTP / OVP
LCCH-150X240 LINKCOM-LCCH-150X240 Datasheet
405Kb / 2P
   AC Input 100~277Vac OVP / OTP / SCP
LCCH-100X240 LINKCOM-LCCH-100X240 Datasheet
443Kb / 2P
   AC Input 100~277Vac OVP / OTP / SCP
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com