Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS0014A Fiches technique(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TS0014A
Description  SMD 7.0x5.0 LVDS SAW Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TS0014A Fiches technique(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TS0014A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TS0014A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
Mechanical Dimensions (mm):
LVDS SO TS0014A PACKAGE DIM.:
Recommended customer PCB Layout footprint (mm):


Numéro de pièce similaire - TS0014A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0012A TAI-SAW-TS0012A Datasheet
376Kb / 7P
   SMD 5.0x7.0 LVPECL SAW OSCILLATOR
logo
Bothhand USA, LP.
TS0013 BOTHHAND-TS0013 Datasheet
26Kb / 1P
   10/100 BASE PCMCIA TRANSFORMER
logo
TAI-SAW TECHNOLOGY CO.,...
TS0013A TAI-SAW-TS0013A Datasheet
388Kb / 7P
   SMD 7.0x5.0 CMOS SAW Oscillator
TS0016A TAI-SAW-TS0016A Datasheet
407Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
More results

Description similaire - TS0014A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0016A TAI-SAW-TS0016A Datasheet
407Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0018A TAI-SAW-TS0018A Datasheet
406Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0021A TAI-SAW-TS0021A Datasheet
412Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0019A TAI-SAW-TS0019A Datasheet
404Kb / 7P
   SMD 7.0x5.0 LVPECL SAW OSCILLATOR
TS0013A TAI-SAW-TS0013A Datasheet
388Kb / 7P
   SMD 7.0x5.0 CMOS SAW Oscillator
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
   SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
   SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
logo
Yuechung International ...
OSCLD-S7 YIC-OSCLD-S7 Datasheet
328Kb / 1P
   OSCLD-S7 Series : LVDS SMD Crystal Clock Oscillator 7.0x5.0 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TW0185A TAI-SAW-TW0185A Datasheet
369Kb / 7P
   SMD 7.0x5.0 33.333MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com