Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR2548DC Fiches technique(PDF) 6 Page - Lineage Power Corporation

No de pièce CAR2548DC
Description  -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2548DC Fiches technique(HTML) 6 Page - Lineage Power Corporation

Back Button CAR2548DC_14 Datasheet HTML 2Page - Lineage Power Corporation CAR2548DC_14 Datasheet HTML 3Page - Lineage Power Corporation CAR2548DC_14 Datasheet HTML 4Page - Lineage Power Corporation CAR2548DC_14 Datasheet HTML 5Page - Lineage Power Corporation CAR2548DC_14 Datasheet HTML 6Page - Lineage Power Corporation CAR2548DC_14 Datasheet HTML 7Page - Lineage Power Corporation CAR2548DC_14 Datasheet HTML 8Page - Lineage Power Corporation CAR2548DC_14 Datasheet HTML 9Page - Lineage Power Corporation CAR2548DC_14 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GE
Data Sheet
CAR2548DC series dc-dc converters
Input: -36Vdc to -75Vdc; Output: 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
December 6, 2013
©2013 General Electric Company. All rights reserved.
Page 6
Environmental Specifications
Parameter
Min
Typ
Max
Units
Notes
Ambient Temperature
-107
70
°C
Derated above 50C
Storage Temperature
-40
85
°C
Operating Altitude
2250/7382
m/ft
Non-operating Altitude
8200/30k
m / ft
Power Derating with Temperature
2.5
%/°C
50C to 70C
Power Derating with Altitude
2.0
C/301 m
C/1000 ft
Above 2250 m/7382 ft
Acoustic noise
55
dbA
25C, half load
Over Temperature Protection
110/95
°C
Shutdown / restart
Humidity
Operating
Storage
30
10
95
95
%
Relative humidity, non-condensing
Shock and Vibration acceleration
6
Grms
NEBS GR-63-CORE, Level 3, 20 -
2000Hz, min 30 minutes
Earthquake Rating
4
Zone
NEBS GR-63-CORE, all floors, Seismic
Zone 4 Designed and tested to meet
NEBS specifications.
EMC Compliance
Parameter
Criteria
Standard
Level
Test
DC input
Conducted emissions
EN55022, FCC Docket 20780 part 15,
subpart J
A8
0.15 – 30MHz
Radiated emissions9
EN55022
A
30 – 10000MHz
DC INPUT
immunity
Voltage dips
EN61000-4-11
B
-30%, 10ms
B
-60%, 100ms
B
-100%, 5sec
Voltage surge
EN61000-4-5, level 4
A
4kV, 1.2/50µs, common mode
A
2kV, 1.2/50µs, differential
mode
Fast transients
EN61000-4-4, level 3
B
5/50ns, 2kV (common mode)
Enclosure
immunity
Conducted RF fields
EN61000-4-6, level 3
A
130dBµV, 0.15-80MHz, 80%
AM
Radiated RF fields
EN61000-4-3, level 3
A
10V/m, 80-1000MHz, 80% AM
ENV50140
A
ESD
EN61000-4-2, level 3
B
6kV contact, 8kV air
7
Designed to start at an ambient down to -40°C; meet spec after  30 min warm up period, may not meet operational limits below -10°C.
8
Class B EMI conducted and radiated levels met with an external filter. Please contact sales for a recommended filter.
9
Radiated emissions compliance is contingent upon the final system configuration.


Numéro de pièce similaire - CAR2548DC_14

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548DCB5-1A LINEAGEPOWER-CAR2548DCB5-1A Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR2548DCB5Y0-1A LINEAGEPOWER-CAR2548DCB5Y0-1A Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
CAR2548DCB5Z0-1A LINEAGEPOWER-CAR2548DCB5Z0-1A Datasheet
917Kb / 2P
   2500 Watt / DC Input / 48V Front End
More results

Description similaire - CAR2548DC_14

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Wall Industries,Inc.
DCHB150 WALL-DCHB150 Datasheet
617Kb / 9P
   Single Outputs Ranging from 3.3VDC to 48VDC
logo
Lineage Power Corporati...
JHW350R1 LINEAGEPOWER-JHW350R1 Datasheet
583Kb / 16P
   18 - 36Vdc or 36 - 75Vdc Input; 28Vdc Output; 350W
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Bel Fuse Inc.
RCY-75T15X BEL-RCY-75T15X Datasheet
525Kb / 11P
   Ultra wide input range:36Vdc-75Vdc
logo
Lineage Power Corporati...
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com