Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAR2512TE Fiches technique(PDF) 5 Page - Lineage Power Corporation

No de pièce CAR2512TE
Description  90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAGEPOWER [Lineage Power Corporation]
Site Internet  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2512TE Fiches technique(HTML) 5 Page - Lineage Power Corporation

  CAR2512TE Datasheet HTML 1Page - Lineage Power Corporation CAR2512TE Datasheet HTML 2Page - Lineage Power Corporation CAR2512TE Datasheet HTML 3Page - Lineage Power Corporation CAR2512TE Datasheet HTML 4Page - Lineage Power Corporation CAR2512TE Datasheet HTML 5Page - Lineage Power Corporation CAR2512TE Datasheet HTML 6Page - Lineage Power Corporation CAR2512TE Datasheet HTML 7Page - Lineage Power Corporation CAR2512TE Datasheet HTML 8Page - Lineage Power Corporation CAR2512TE Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
GE
Preliminary Data Sheet
CAR2512TE Front-End
Input: 90VAC to 264VAC; Output: 12 VDC @ 2500W; 3.3/5VDC standby @ 15W
February 7, 2014
©2013 General Electric Company. All rights reserved.
Page 5
Feature Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
SMBAlert# (Interrupt) (pulled up internally via 10kΩ to 3.3V)
it )
Logic High (No Alert - normal)
VOH
2.1
3.5
VDC
Logic Low (Alert is set)
IOL
20
mA
VOL
0
0.4
VDC
Current monitor (Imon) Resolution
15
mV/A
Measurement range
IOUT
0
208
ADC
Measurement accuracy, load > 25% of FL, VO = 12VDC
-5
+5
% of FL
Analog output range
Vmon
0
3.3
VDC
Sourced output current
IOUT
5
mADC
Digital Interface Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
PMBus Signal Interface Characteristics
Input Logic High Voltage (CLK, DATA)
VIH
2.1
3.6
V
Input Logic Low Voltage (CLK, DATA)
VIL
0
0.8
V
Input high sourced current (CLK, DATA)
IIH
0
10
μA
Output Low sink Voltage (CLK, DATA, SMBALERT#)
IOUT=3.5mA
VOL
0.4
V
Output Low sink current (CLK, DATA, SMBALERT#)
IOL
3.5
mA
Output High open drain leakage current (CLK,DATA,
SMBALERT#)
VOUT=3.6V
IOH
0
10
μA
PMBus Operating frequency range
Slave Mode
FPMB
10
400
kHz
Digital Interface Specifications (continued)
Parameter
Type
Symbol
Min
Typ
Max
Unit
Measurement System Characteristics
Clock stretching
tSTRETCH
25
ms
IOUT measurement range
Linear
IRNG
0
210
A
IOUT measurement accuracy 25°C
IACC
-5
+5
%
VOUT measurement range
Linear
VOUT(rng)
0
14
VDC
VOUT measurement accuracy
VOUT(acc)
-5
+5
%
Temp measurement range
Linear
Temp(rng)
0
120
C
Temp measurement accuracy4
Temp(acc)
-5
+5
%
IIN measurement range
Linear
IIN(rng)
0
40
AAC
IIN measurement accuracy
IIN(acc)
-5
+5
%
VIN measurement range
Linear
VIN(rng)
0
300
VAC
VIN measurement accuracy
VIN(acc)
-5
+5
%
PIN measurement range
Linear
PN(rng)
0
3000
W
PIN measurement accuracy
PIN(acc)
-5
+5
%
Fan Speed measurement range
Linear
0
30k
RPM
Fan Speed measurement accuracy
-10
10
%
Fan speed control range
Linear
0
100
%
4
Temperature accuracy reduces non-linearly with decreasing temperature


Numéro de pièce similaire - CAR2512TE

FabricantNo de pièceFiches techniqueDescription
logo
Riedon Powertron
CAR2512 RIEDON-CAR2512 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
145Kb / 3P
   CAR Series
logo
Lineage Power Corporati...
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FP5Y0-1A LINEAGEPOWER-CAR2512FP5Y0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results

Description similaire - CAR2512TE

FabricantNo de pièceFiches techniqueDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
   5VDC, 3A, 15W Switching Power Supply
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com