Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ130 Fiches technique(PDF) 1 Page - Socay Electornics Co., Ltd.

No de pièce SMAJ130
Description  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOCAY [Socay Electornics Co., Ltd.]
Site Internet  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMAJ130 Fiches technique(HTML) 1 Page - Socay Electornics Co., Ltd.

  SMAJ130 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ130 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ130 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ130 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ130 Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ130 Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ130 Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
1 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMAJ Series
5.0 To 440 V
400W
SOCAY Electronics Co., Ltd.
www.socay.com
The SMAJ series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other transient
voltage events.
Uni-directional
Bi-directional
AGENCY
AGENCY FILE NUMBER
E341027
u
For surface mounted applications in order to optimize board space
u
Low leakage
u
Uni and Bidirectional unit
u
Glass passivated junction
u
Low inductance
u
Excellent clamping capability
u
400W Peak power capability at 10
× 1000µs waveform Repetition rate
(duty cycle):0.01%
u
Fast response time: typically less than 1.0ps from 0 Volts to VBR min
u
Typical IR less than 5μA above 12V
u
High Temperature soldering: 260
°C/40 seconds at terminals
u
Typical maximum temperature coefficient
ΔV
BR = 0.1% ×
VBR@25°C× ΔT
u
Plastic package has Underwriters Laboratory Flammability 94V-0
u
Matte tin lead
–free Plated
u
Halogen free and RoHS compliant
u
Typical failure mode is short from over-specified voltage or current
u
Whisker test is conducted based on JEDEC JESD201A per its table
4a and 4c
u
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
u
ESD protection of data lines in accordance with IEC 61000-4-2
(IEC801-2)
u
EFT protection of data lines in accordance with IEC 61000-4-4
(IEC801-4)
TVS devices are ideal for the protection of I/O interfaces, VCC
bus and other vulnerable circuits used in Telecom, Computer,
Industrial and Consumer electronic applications.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000
µs waveform (Fig.1)(Note
1), (Note 2)
PPPM
400
Watts
Peak Pulse Current with a 10/1000
µs waveform.(Note1,Fig.3)
IPP
See Next Table
Amps
Power Dissipation on Infinite Heat Sink at TL=75°C
PM(AV)
1.0
Watt
Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3)
IFSM
40
Amps
Maximum Instantaneous Forward Voltage at 25A for Unidirectional Only
(Note 4)
VF
3.5/5.0
Voltage
Operating junction and Storage Temperature Range.
TJ , TSTG
-55 to +150
°C
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal.
3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
4. VF < 3.5V for VBR < 200V and VF< 6.5V for VBR > 201V.
Functional Diagram
Agency Approvals
Applications
Maximum Ratings
(TA=25℃ unless otherwise noted)
Description
Features
Bi-directional
Uni-direction
Cathode
Anode


Numéro de pièce similaire - SMAJ130

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
SMAJ130 JGD-SMAJ130 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ130 YANGJIE-SMAJ130 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ130 SOCAY-SMAJ130 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ130 RFE-SMAJ130 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Socay Electornics Co., ...
SMAJ130 SOCAY-SMAJ130 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Description similaire - SMAJ130

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com