Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ18 Fiches technique(PDF) 7 Page - Socay Electornics Co., Ltd. |
|
SMAJ18 Fiches technique(HTML) 7 Page - Socay Electornics Co., Ltd. |
7 / 7 page Surface Mount Transient Voltage Suppressors (TVS) Revision September 25, 2013 7 / 7 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SMAJ Series 5.0 To 440 V 400W SOCAY Electronics Co., Ltd. www.socay.com Part Number Component Package Quantity Packaging Option Packaging Specification SMAJXXXXX DO-214AC (SMA) 1000 Tape & Reel -12mm/7 ″tape EIA STD RS-481 Packaging Tape and Reel Specifications Direction of Feed 0.49 (12.4) 0.512(13.0) Arbor Hole Diameter 7.0 (177.8) Dimensions are in inches (and millimeters) 0.36 (9.2) 0.157 (4.0) 0.059 (1.5) Diameter 0.157 (4.0) Cover tape 0.472 (12.0) |
Numéro de pièce similaire - SMAJ18 |
|
Description similaire - SMAJ18 |