Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM1727 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce PCM1727
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE DUAL PLL TM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1727 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  PCM1727 Datasheet HTML 1Page - Burr-Brown (TI) PCM1727 Datasheet HTML 2Page - Burr-Brown (TI) PCM1727 Datasheet HTML 3Page - Burr-Brown (TI) PCM1727 Datasheet HTML 4Page - Burr-Brown (TI) PCM1727 Datasheet HTML 5Page - Burr-Brown (TI) PCM1727 Datasheet HTML 6Page - Burr-Brown (TI) PCM1727 Datasheet HTML 7Page - Burr-Brown (TI) PCM1727 Datasheet HTML 8Page - Burr-Brown (TI) PCM1727 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
®
4
PCM1727
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = VDD = VCP = +5V, fS = 44.1kHz, 16-bit input data, 384fS, unless otherwise noted. Measurement bandwidth is 20kHz.
DYNAMIC PERFORMANCE
THD+N (0dB) vs TEMPERATURE and
V
CC = 5V, 384fS
Temperature (°C)
–70
–75
–80
–85
–90
–95
–25
0
255075
85
f
S = 96k
f
S = 44.1k
THD+N (0dB) vs POWER SUPPLY VOLTAGE
T
A = 25°C, 384fS
Power Supply Voltage (V)
–70
–75
–80
–85
–90
–95
4.5
5.0
5.5
f
S = 96k
f
S = 44.1k
THD+N (0dB) vs SAMPLING RATE (f
S)
V
CC = 5V, TA = 25°C
Sampling Rate, f
S (Hz)
–70
–75
–80
–85
–90
–95
44.1k
48k
96k
POWER SUPPLY CURRENT vs SAMPLING RATE (f
S)
V
CC = 5V, TA = 25°C
Sampling Rate, f
S (Hz)
35
30
25
20
15
44.1k
48k
96k


Numéro de pièce similaire - PCM1727

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PCM1727 TI-PCM1727 Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
PCM1727E TI-PCM1727E Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
PCM1727E2K TI-PCM1727E2K Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
PCM1727EG4 TI-PCM1727EG4 Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
More results

Description similaire - PCM1727

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
PCM1723 BURR-BROWN-PCM1723 Datasheet
218Kb / 15P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
logo
Texas Instruments
PCM1727E2K TI-PCM1727E2K Datasheet
304Kb / 19P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable Dual PLL
logo
Burr-Brown (TI)
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
Texas Instruments
PCM1723E TI-PCM1723E Datasheet
493Kb / 21P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER With Programmable PLL
logo
Burr-Brown (TI)
PCM1721 BURR-BROWN-PCM1721 Datasheet
227Kb / 16P
   DIGITAL-TO-ANALOG CONVERTER WITH PROGRAMMABLE PLL
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com