Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC0629A Fiches technique(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0629A
Description  1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0629A Fiches technique(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0629A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.OUTLINE DRAWING:
Product / Year Code
Week Code
2013
2014
2015
2016
Year
2017
2018
Year Code
C
c
WK01 WK02 WK03 WK04 WK05 WK06 WK07 WK08 WK09 WK10 WK11 WK12 WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14 WK15 WK16 WK17 WK18 WK19 WK20 WK21 WK22 WK23 WK24 WK25 WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27 WK28 WK29 WK30 WK31 WK32 WK33 WK34 WK35 WK36 WK37 WK38 WK39
ab
c
d
e
f
g
h
i
j
k
l
m
WK40 WK41 WK42 WK43 WK44 WK45 WK46 WK47 WK48 WK49 WK50 WK51 WK52
nopq
r
s
t
u
v
w
x
y
z
#B:Input
#E:Output
#A、C、D、F:Ground
Δ:
Product / Year Code
□:
Week Code
Unit:mm


Numéro de pièce similaire - TC0629A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0621A TAI-SAW-TC0621A Datasheet
263Kb / 7P
   SAW Resonator 245.76MHz
TC0627A TAI-SAW-TC0627A Datasheet
415Kb / 7P
   SAW Resonator 800 MHz
More results

Description similaire - TC0629A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
TB1344A TAI-SAW-TB1344A Datasheet
442Kb / 8P
   149.64MHz 48MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1306A TAI-SAW-TB1306A Datasheet
342Kb / 7P
   247.45MHz 0.3MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1332A TAI-SAW-TB1332A Datasheet
398Kb / 8P
   896.1MHz 0.125MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1333A TAI-SAW-TB1333A Datasheet
398Kb / 8P
   935.1MHz 0.125MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TA2655A TAI-SAW-TA2655A Datasheet
376Kb / 6P
   916 MHz 0.65MHz BW SMD 3.8 x 3.8 mm SAW RF Filter
logo
Murata Manufacturing Co...
SF2146D MURATA-SF2146D Datasheet
275Kb / 4P
   3.8 X 3.8 X 1.0 mm Surface Mount Case
logo
Transko Electronics, In...
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
   Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
logo
EUROQUARTZ limited
90SMX-N EUROQUARTZ-90SMX-N Datasheet
233Kb / 1P
   32.768kHz SMD 8.7 x 3.8 x 2.5mm
logo
RF Monolithics, Inc
SM3838-8 RFM-SM3838-8 Datasheet
44Kb / 1P
   8-Terminal Ceramic Surface-Mount Case 3.8 X 3.8 mm Nominal Footprint
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com