Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC0627A Fiches technique(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0627A
Description  SAW Resonator 800 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0627A Fiches technique(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0627A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TC0627A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 7 -
TST DCC
Release document
J. RECOMMENDED REFLOW PROFILE
:


Numéro de pièce similaire - TC0627A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0621A TAI-SAW-TC0621A Datasheet
263Kb / 7P
   SAW Resonator 245.76MHz
TC0629A TAI-SAW-TC0629A Datasheet
160Kb / 6P
   1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
More results

Description similaire - TC0627A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0314A TAI-SAW-TC0314A Datasheet
379Kb / 5P
   SAW Resonator 800 MHz SMD 3.8X3.8 mm
logo
RF Monolithics, Inc
SF2207E RFM-SF2207E Datasheet
631Kb / 5P
   800 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0975A TAI-SAW-TA0975A Datasheet
393Kb / 7P
   SAW Filter 800 MHz
logo
Murata Manufacturing Co...
SF2207E MURATA-SF2207E Datasheet
631Kb / 5P
   800 MHz SAW Filter
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com