Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC0556A Fiches technique(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0556A
Description  SAW Resonator 1033.333 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0556A Fiches technique(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0556A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0556A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0556A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0556A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0556A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0556A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
TST DCC
Release document
I. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION


Numéro de pièce similaire - TC0556A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0552A TAI-SAW-TC0552A Datasheet
406Kb / 6P
   SAW Resonator 461.044 MHz
TC0553A TAI-SAW-TC0553A Datasheet
344Kb / 5P
   SAW Resonator 423.22 MHz
TC0554A TAI-SAW-TC0554A Datasheet
399Kb / 6P
   SAW Resonator 433.72 MHz
More results

Description similaire - TC0556A

FabricantNo de pièceFiches techniqueDescription
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
   318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
   295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
   315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
   315.00 MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com