Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA687 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA687
Description  Wideband, Ultra-Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER With Power Down
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA687 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  OPA687 Datasheet HTML 1Page - Burr-Brown (TI) OPA687 Datasheet HTML 2Page - Burr-Brown (TI) OPA687 Datasheet HTML 3Page - Burr-Brown (TI) OPA687 Datasheet HTML 4Page - Burr-Brown (TI) OPA687 Datasheet HTML 5Page - Burr-Brown (TI) OPA687 Datasheet HTML 6Page - Burr-Brown (TI) OPA687 Datasheet HTML 7Page - Burr-Brown (TI) OPA687 Datasheet HTML 8Page - Burr-Brown (TI) OPA687 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
OPA687
TYPICAL PERFORMANCE CURVES: VS = ±5V (CONT)
RF = 750Ω, RG = 39.2Ω, G = +20 and RL = 100Ω, unless otherwise noted (Figure 1).
–70
–80
–90
–100
–110
Output Voltage (Vp-p)
0.1
10
1
5MHz 2nd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
R
L = 200Ω
R
L = 100Ω
R
L = 500Ω
–70
–80
–90
–100
–110
Output Voltage (Vp-p)
0.1
10
1
5MHz 3rd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
R
L = 100Ω
R
L = 500Ω
R
L =200Ω
–60
–70
–80
–90
–100
Output Voltage (Vp-p)
0.1
10
1
10MHz 2nd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
R
L = 200Ω
R
L = 100Ω
R
L = 500Ω
–60
–70
–80
–90
–100
Output Voltage (Vp-p)
0.1
10
1
10MHz 3rd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
R
L = 200Ω
R
L = 100Ω
R
L = 500Ω
–50
–60
–70
–80
–90
Output Voltage (Vp-p)
0.1
10
1
20MHz 2nd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
R
L = 200Ω
R
L = 100Ω
R
L = 500Ω
–50
–60
–70
–80
–90
Output Voltage (Vp-p)
0.1
10
1
20MHz 3rd HARMONIC DISTORTION
vs OUTPUT VOLTAGE
R
L = 200Ω
R
L = 100Ω
R
L = 500Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn