Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPA660 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA660
Description  Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA660 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  OPA660 Datasheet HTML 1Page - Burr-Brown (TI) OPA660 Datasheet HTML 2Page - Burr-Brown (TI) OPA660 Datasheet HTML 3Page - Burr-Brown (TI) OPA660 Datasheet HTML 4Page - Burr-Brown (TI) OPA660 Datasheet HTML 5Page - Burr-Brown (TI) OPA660 Datasheet HTML 6Page - Burr-Brown (TI) OPA660 Datasheet HTML 7Page - Burr-Brown (TI) OPA660 Datasheet HTML 8Page - Burr-Brown (TI) OPA660 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
®
OPA660
OTA TRANSFER CHARACTERISTICS
10
5
0
–5
–60
–40
–20
0
20
40
60
OTA Input Voltage (mV)
I
Q = 20mA
I
Q = 5mA
I
Q = 10mA
–10
OTA C-OUTPUT RESISTANCE
vs TOTAL QUIESCENT CURRENT (I
Q)
4
Total Quiescent Current — I
Q (mA)
6
8
10
12
14
16
18
20
60
50
40
30
20
10
0
OTA C-OUTPUT BIAS CURRENT vs TEMPERATURE
–20
–0
20
40
60
80
100
Temperature (°C)
Trim Point
5 Representative
Units
–40
–20
40
100
Temperature (°C)
0.0
–1.0
–2.0
–3.0
–4.0
BUFFER AND OTA B-INPUT BIAS CURRENT
vs TEMPERATURE
80
–0
20
60
–5.0
TOTAL QUIESCENT CURRENT vs TEMPERATURE
–25
25
100
Temperature (°C)
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
050
75
0.5
TYPICAL PERFORMANCE CURVES
IQ = 20mA, TA = +25°C, and VS = ±5V unless otherwise noted.
100
1.0k
10k
R — Resistor Value ( )
Q
100
30
10
3.0
TOTAL QUIESCENT CURRENT vs RQ
300
3.0k
1.0
Nominal
Device
Low I
Q
Device
High I
Q
Device


Numéro de pièce similaire - OPA660

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
OPA660 TI1-OPA660 Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA660AP TI1-OPA660AP Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA660AU TI1-OPA660AU Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA660AU/2K5 TI1-OPA660AU/2K5 Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
More results

Description similaire - OPA660

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
OPA660 TI1-OPA660 Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com