Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA658 Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA658
Description  Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA658 Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  OPA658 Datasheet HTML 1Page - Burr-Brown (TI) OPA658 Datasheet HTML 2Page - Burr-Brown (TI) OPA658 Datasheet HTML 3Page - Burr-Brown (TI) OPA658 Datasheet HTML 4Page - Burr-Brown (TI) OPA658 Datasheet HTML 5Page - Burr-Brown (TI) OPA658 Datasheet HTML 6Page - Burr-Brown (TI) OPA658 Datasheet HTML 7Page - Burr-Brown (TI) OPA658 Datasheet HTML 8Page - Burr-Brown (TI) OPA658 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
OPA658
FEATURES
q UNITY GAIN STABLE BANDWIDTH:
900MHz
q LOW POWER: 50mW
q LOW DIFFERENTIAL GAIN/PHASE ERRORS:
0.025%/0.02
°
q HIGH SLEW RATE: 1700V/
µs
q GAIN FLATNESS: 0.1dB to 135MHz
q HIGH OUTPUT CURRENT (80mA)
Wideband, Low Power Current Feedback
OPERATIONAL AMPLIFIER
APPLICATIONS
q MEDICAL IMAGING
q HIGH-RESOLUTION VIDEO
q HIGH-SPEED SIGNAL PROCESSING
q COMMUNICATIONS
q PULSE AMPLIFIERS
q ADC/DAC GAIN AMPLIFIER
q MONITOR PREAMPLIFIER
q CCD IMAGING AMPLIFIER
OPA658
DESCRIPTION
The OPA658 is an ultra-wideband, low power current
feedback video operational amplifier featuring high
slew rate and low differential gain/phase error. The
current feedback design allows for superior large sig-
nal bandwidth, even at high gains. The low differential
gain/phase errors, wide bandwidth and low quiescent
current make the OPA658 a perfect choice for numer-
ous video, imaging and communications applications.
The OPA658 is optimized for low gain operation and
is also available in dual (OPA2658) and quad
(OPA4658) configurations.
®
C
COMP
Current Mirror
In
In
+
V
OUT
I
BIAS
I
BIAS
+V
S
–V
S
Current Mirror
Buffer
OPA658
OPA658
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
© 1994 Burr-Brown Corporation
PDS-1268F
Printed in U.S.A. March, 1998


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn