Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA658 Fiches technique(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA658
Description  Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA658 Fiches technique(HTML) 2 Page - Burr-Brown (TI)

  OPA658 Datasheet HTML 1Page - Burr-Brown (TI) OPA658 Datasheet HTML 2Page - Burr-Brown (TI) OPA658 Datasheet HTML 3Page - Burr-Brown (TI) OPA658 Datasheet HTML 4Page - Burr-Brown (TI) OPA658 Datasheet HTML 5Page - Burr-Brown (TI) OPA658 Datasheet HTML 6Page - Burr-Brown (TI) OPA658 Datasheet HTML 7Page - Burr-Brown (TI) OPA658 Datasheet HTML 8Page - Burr-Brown (TI) OPA658 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
OPA658
FREQUENCY RESPONSE
Closed-Loop Bandwidth(2)
G = +1(4)
900
T(1)
MHz
G = +2
680
400
T
MHz
G = +5
370
T
MHz
G = +10
200
T
MHz
Slew Rate(3)
G = +2, 2V Step
1700
1000
T
V/
µs
At Minimum Specified Temperature
1500
900
T
V/
µs
Settling Time: 0.01%
G = +2, 2V Step
15
T
ns
0.1%
G = +2, 2V Step
11.5
T
ns
1%
G = +2, 2V Step
6
T
ns
Spurious Free Dynamic Range
f = 5MHz, G = +2, VO = 2Vp-p
68
T
dBc
f = 20MHz, G= +2, VO = 2Vp-p
56
T
dBc
Third Order Intercept Point
f = 10MHz, 4dBm Each Tone
40
T
dBm
Differential Gain
G = +2, NTSC, VO = 1.4Vp-p, RL = 150Ω
0.025
T
%
Differential Phase
G = +2, NTSC, VO = 1.4Vp-p, RL = 150Ω
0.02
T
degrees
Bandwidth for 0.1dB Flatness
G = +2
135(5)
T
MHz
OFFSET VOLTAGE
Input Offset Voltage
VCM = 0V
±3
±5.5
±2
±4.5
mV
Over Temperature Range
±5
±8
±4
±7mV
Power Supply Rejection Ratio
VS = ±4.7 to ±5.5V
55
64
58
67
dB
INPUT BIAS CURRENT
Non-Inverting
VCM = 0V
±5.7
±30
T
±18
µA
Over Temperature Range
±10
±80
T
±35
µA
Inverting
VCM = 0V
±1.1
±35
TT
µA
Over Temperature Range
±30
±75
TT
µA
NOISE
Input Voltage Noise Density
f = 100Hz
16
T
nV/
√Hz
f = 2kHz
4.9
T
nV/
√Hz
f = 10kHz
3.2
T
nV/
√Hz
f = 1MHz
3.2
T
nV/
√Hz
fB = 100Hz to 200MHz
45.3
T
µVrms
Input Bias Current Noise Density
Inverting: f = 1MHz
32
T
pA/
√Hz
Non-Inverting: f = 1MHz
11.9
T
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range
Over Temperature Range
±2.5
±2.9
TT
V
Common-Mode Rejection
VCM = ±1V
45
50
TT
dB
INPUT IMPEDANCE
Non-Inverting
500 || 1
T
k
Ω || pF
Inverting
50
T
OPEN-LOOP TRANSRESISTANCE
Open-Loop Transresistance
VO = ±2V, RL = 100Ω
150
190
200
250
k
Over Temperature Range
VO = ±2V, RL = 100Ω
100
150
k
OUTPUT
Voltage Output
No Load
±2.7
±2.9
TT
V
Over Temperature Range
±2.5
±2.75
TT
V
Voltage Output
RL = 250Ω±2.7
±2.9
TT
V
Over Temperature Range
±2.5
±2.7
TT
V
Voltage Output
RL = 100Ω±2.2
±2.8
TT
V
Over Temperature Range
±2.0
±2.5
TT
V
Output Current, Sourcing
80
120
TT
mA
Over Temperature
70
T
mA
Output Current, Sinking
60
80
TT
mA
Over Temperature
35
T
mA
Short Circuit Current
150
T
mA
Output Resistance
0.1MHz, G = +2
0.02
T
POWER SUPPLY
Specified Operating Voltage
±5
T
V
Operating Voltage Range
±4.5
±5.5
TT
V
Quiescent Current
VS = ±5V
±5
±7.75
±4.5
±5.75
mA
Over Temperature Range
±5.5
±8.5
±4.7
±6.5
mA
TEMPERATURE RANGE
Specification: P, U, N, UB, NB
–40
+85
TT
°C
Thermal Resistance,
θ
JA
P
8-Pin DIP
100
T
°C/W
U
SO-8
125
T
°C/W
N
SOT23-5
150
T
°C/W
NOTES: (1) An asterisk (T) specifies the same value as the grade to the left. (2) Frequency response can be strongly influenced by PC board parasitics. The
demonstration boards show low parasitic layouts for this part. Refer to the demonstration board layout for details. (3) Slew rate is rate of change from 10% to 90%
of output voltage step. (4) At G = +1, RFB = 560Ω for PDIP and 402Ω for SO-8. (5) This specification is PC board layout dependent.
SPECIFICATIONS
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted.
OPA658P, U, N
OPA658UB, NB
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn