Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA655 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA655
Description  Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA655 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  OPA655 Datasheet HTML 1Page - Burr-Brown (TI) OPA655 Datasheet HTML 2Page - Burr-Brown (TI) OPA655 Datasheet HTML 3Page - Burr-Brown (TI) OPA655 Datasheet HTML 4Page - Burr-Brown (TI) OPA655 Datasheet HTML 5Page - Burr-Brown (TI) OPA655 Datasheet HTML 6Page - Burr-Brown (TI) OPA655 Datasheet HTML 7Page - Burr-Brown (TI) OPA655 Datasheet HTML 8Page - Burr-Brown (TI) OPA655 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
®
OPA655
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RFB = 100Ω, and RL = 100Ω, unless otherwise noted. RFB = 0 for G = +1.
HARMONIC DISTORTION vs TEMPERATURE
(V
O = 2Vp-p, G = +1, fO = 5MHz)
–50
–25
0
25
50
75
100
Temperature (°C)
–85
–90
–95
–100
2f
O
3f
O
HARMONIC DISTORTION vs FREQUENCY
(V
O = 2Vp-p, G = +1)
1M
10M
2f
O
3f
O
100M
Frequency (Hz)
–40
–50
–60
–70
–80
–90
–100
HARMONIC DISTORTION vs FREQUENCY
(V
O = 2Vp-p, G = +2)
1M
10M
100M
Frequency (Hz)
–40
–50
–60
–70
–80
–90
–100
2f
O
3f
O
HARMONIC DISTORTION vs FREQUENCY
(V
O = 2Vp-p, G = +5)
1M
10M
100M
Frequency (Hz)
–40
–50
–60
–70
–80
–90
–100
2f
O
3f
O
5MHz HARMONIC DISTORTION
vs OUTPUT SWING
0.1
1
10
Output Swing (Vp-p)
–85
–90
–95
–100
–105
–110
–115
2f
O
3f
O
G = +1
10MHz HARMONIC DISTORTION
vs OUTPUT SWING
0.1
1
10
Output Swing (Vp-p)
–60
–65
–70
–75
–80
–85
–90
–95
2f
O
3f
O
G = +1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn