Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA655 Fiches technique(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA655
Description  Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA655 Fiches technique(HTML) 3 Page - Burr-Brown (TI)

  OPA655 Datasheet HTML 1Page - Burr-Brown (TI) OPA655 Datasheet HTML 2Page - Burr-Brown (TI) OPA655 Datasheet HTML 3Page - Burr-Brown (TI) OPA655 Datasheet HTML 4Page - Burr-Brown (TI) OPA655 Datasheet HTML 5Page - Burr-Brown (TI) OPA655 Datasheet HTML 6Page - Burr-Brown (TI) OPA655 Datasheet HTML 7Page - Burr-Brown (TI) OPA655 Datasheet HTML 8Page - Burr-Brown (TI) OPA655 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
®
OPA655
Total Supply Voltage Across Device (VS (TOTAL)) ................................ 11V
Internal Power Dissipation ........................... See Thermal Considerations
Differential Input Voltage ............................................................ VS (TOTAL)
Common-Mode Input Voltage Range ..................................................
±V
S
Storage Temperature Range: P, U ............................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
(soldering, SO-8, 3s) ...................................... +260
°C
Junction Temperature (TJ ) ............................................................ +175°C
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA655P
8-Pin Plastic DIP
006
OPA655U
SO-8
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE INFORMATION
Top View
DIP/SO-8
PRODUCT
PACKAGE
TEMPERATURE RANGE
OPA655P
8-Pin Plastic DIP
–40
°C to +85°C
OPA655U
SO-8
–40
°C to +85°C
ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published speci-
fications.
NOTE: (1) Making use of all four power supply pins is highly recommended,
although not required. Using these four pins, instead of pins 4 and 7 only, will
reduce the effective pin impedance and substantially improve distortion.
1
2
3
4
8
7
6
5
+V
S2
(1)
+V
S1
Output
–V
S2
(1)
NC
Inverting Input
Non-Inverting Input
–V
S1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn