Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA651 Fiches technique(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA651
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA651 Fiches technique(HTML) 1 Page - Burr-Brown (TI)

  OPA651 Datasheet HTML 1Page - Burr-Brown (TI) OPA651 Datasheet HTML 2Page - Burr-Brown (TI) OPA651 Datasheet HTML 3Page - Burr-Brown (TI) OPA651 Datasheet HTML 4Page - Burr-Brown (TI) OPA651 Datasheet HTML 5Page - Burr-Brown (TI) OPA651 Datasheet HTML 6Page - Burr-Brown (TI) OPA651 Datasheet HTML 7Page - Burr-Brown (TI) OPA651 Datasheet HTML 8Page - Burr-Brown (TI) OPA651 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DESCRIPTION
The OPA651 is a low power, wideband voltage feed-
back operational amplifier. It features a bandwidth at
G = +2 of 470MHz as well as a 12-bit settling time of
only 16ns. The wide bandwidth and true differential
input stage make it suitable for use in a variety of
applications. Its low distortion gives exceptional per-
formance for telecommunications, medical imaging
and video applications.
The OPA651 is compensated for stability in gains of
two or more, differentiating it from the unity gain
stable OPA650. Its unusual combination of speed,
accuracy and low power make it an outstanding choice
for many portable, multi-channel and other high speed
applications, where power is at a premium.
Wideband, Low Power Voltage Feedback
OPERATIONAL AMPLIFIER
© 1994 Burr-Brown Corporation
PDS-1265E
Printed in U.S.A. March, 1998
OPA651
®
FEATURES
q STABLE IN GAINS:
2V/V
q LOW POWER: 50mW
q BANDWIDTH: 470MHz at G = 2
q FAST SETTLING TIME: 16ns to 0.01%
q LOW HARMONICS: –78dB at 5MHz
q LOW INPUT BIAS CURRENT: 4
µA
q DIFFERENTIAL GAIN/PHASE ERROR:
0.01%/0.025
°
q LOW VOLTAGE NOISE: 4.6nV/
√Hz
APPLICATIONS
q HIGH RESOLUTION VIDEO
q MONITOR PREAMPLIFIER
q CCD IMAGING AMPLIFIER
q ULTRASOUND SIGNAL PROCESSING
q ADC/DAC GAIN AMPLIFIER
q BASEBAND SIGNAL PROCESSING
Current
Mirror
Output
Stage
C
C
Inverting
Input
Non-Inverting
Input
+V
S
Output
–V
S
1.5pF
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
OPA651


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn