Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA651 Fiches technique(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA651
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA651 Fiches technique(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA651 Datasheet HTML 2Page - Burr-Brown (TI) OPA651 Datasheet HTML 3Page - Burr-Brown (TI) OPA651 Datasheet HTML 4Page - Burr-Brown (TI) OPA651 Datasheet HTML 5Page - Burr-Brown (TI) OPA651 Datasheet HTML 6Page - Burr-Brown (TI) OPA651 Datasheet HTML 7Page - Burr-Brown (TI) OPA651 Datasheet HTML 8Page - Burr-Brown (TI) OPA651 Datasheet HTML 9Page - Burr-Brown (TI) OPA651 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
OPA651
®
TYPICAL PERFORMANCE CURVES (CONT)
At T
A = +25°C, VS = ±5V, RL = 100Ω, RFB = 402Ω, and G = +2, unless otherwise noted.
HARMONIC DISTORTION vs GAIN
(f = 5MHz, V
O = 2Vp–p)
Non-Inverting Gain (V/V)
123456789
10
–40
–50
–60
–70
–80
3fo
2fo
10MHz HARMONIC DISTORTION vs OUTPUT SWING
(G = +2)
Output Swing (V
p–p)
01
2
3
4
–50
–55
–60
–65
–70
–75
–80
–85
–90
3fo
2fo
5MHz HARMONIC DISTORTION vs OUTPUT SWING
(G = +2)
Output Swing (V
p–p)
01
2
3
4
–55
–60
–65
–70
–75
–80
–85
–90
–95
3fo
2fo
HARMONIC DISTORTION vs TEMPERATURE
(f = 5MHz, V
O = 2Vp-p, G = +2)
–55
–60
–65
–70
–75
–75
–50
–25
0
25
50
75
100
Ambient Temperature (°C)
3fo
2fo
HARMONIC DISTORTION vs FREQUENCY
(G = +2, V
O = 2Vp–p, RL = 100Ω)
10M
Frequency (Hz)
100k
1M
100M
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
3fo
2fo
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
60
40
20
0
–20
–40
0
–45
–90
–135
–180
–225
1k
10k
100k
1M
10M
100M
1G
Frequency (Hz)
Gain
Phase


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn