Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA651 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA651
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA651 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  OPA651 Datasheet HTML 1Page - Burr-Brown (TI) OPA651 Datasheet HTML 2Page - Burr-Brown (TI) OPA651 Datasheet HTML 3Page - Burr-Brown (TI) OPA651 Datasheet HTML 4Page - Burr-Brown (TI) OPA651 Datasheet HTML 5Page - Burr-Brown (TI) OPA651 Datasheet HTML 6Page - Burr-Brown (TI) OPA651 Datasheet HTML 7Page - Burr-Brown (TI) OPA651 Datasheet HTML 8Page - Burr-Brown (TI) OPA651 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
OPA651
®
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, VS = ±5V, RL = 100Ω, RFB = 402Ω, and G = +2, unless otherwise noted.
OUTPUT CURRENT vs TEMPERATURE
110
100
90
80
–50
–25
0
25
50
75
100
Temperature (°C)
I
O
+
I
O
INPUT VOLTAGE NOISE DENSITY vs FREQUENCY
100
1k
10k
100k
1M
Frequency (Hz)
100
10
1
SUPPLY CURRENT vs TEMPERATURE
8
7
6
5
4
3
2
1
0
–75
–50
–25
0
25
50
75
100
Ambient Temperature (°C)
INPUT BIAS CURRENT AND OFFSET VOLTAGE
vs TEMPERATURE
7
6
5
4
2
1
0
–1
–50
–25
0
25
50
75
100
Temperature (°C)
V
OS
I
B
COMMON-MODE REJECTION RATIO
vs COMMON-MODE INPUT VOLTAGE
100
90
80
70
60
50
40
30
–4
–2
–3
–1
0123
4
Common-Mode Voltage (V)
A
OL, PSR+, PSR–, AND CMRR vs TEMPERATURE
100
95
90
85
80
75
70
65
60
55
50
45
40
–75
–50
–25
0
25
50
75
100
Ambient Temperature (°C)
A
OL
PSR+
PSR–
CMRR


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn