Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA651 Fiches technique(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA651
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA651 Fiches technique(HTML) 3 Page - Burr-Brown (TI)

  OPA651 Datasheet HTML 1Page - Burr-Brown (TI) OPA651 Datasheet HTML 2Page - Burr-Brown (TI) OPA651 Datasheet HTML 3Page - Burr-Brown (TI) OPA651 Datasheet HTML 4Page - Burr-Brown (TI) OPA651 Datasheet HTML 5Page - Burr-Brown (TI) OPA651 Datasheet HTML 6Page - Burr-Brown (TI) OPA651 Datasheet HTML 7Page - Burr-Brown (TI) OPA651 Datasheet HTML 8Page - Burr-Brown (TI) OPA651 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
OPA651
®
1
2
3
5
4
+V
S
–Input
Output
–V
S
+Input
1
2
3
4
8
7
6
5
NC
+V
S
Output
NC
NC
–Input
+Input
–V
S
PIN CONFIGURATION
Top View
SO-8
Supply ...............................................................................................
±5.5V
Internal Power Dissipation(1): .............................. See Thermal Conditions
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: U, UB, N, NB ................ –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
(soldering, SO-8 3s) ...................................................................... +260
°C
Junction Temperature (TJ ) ............................................................ +175°C
ABSOLUTE MAXIMUM RATINGS
SOT23-5
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that all integrated circuits be handled
and stored using appropriate ESD protection methods.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published speci-
fications.
PACKAGE
DRAWING
TEMPERATURE
PACKAGE
ORDERING
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING(2)
NUMBER(3)
OPA651U
SO-8 Surface Mount
182
–40
°C to +85°C
OPA651U
OPA651U
OPA651UB
SO-8 Surface Mount
182
–40
°C to +85°C
OPA651UB
OPA651UB
OPA651N
5-pin SOT23-5
331
–40
°C to +85°C
A51
OPA651N-250
OPA651N-3k
OPA651NB
5-pin SOT23-5
331
–40
°C to +85°C
A51B
OPA651NB-250
OPA651NB-3k
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) The “B” grade of the SO-8 package
will be marked with a “B” by pin 8. The “B” grade of the SOT23-5 will be marked with a “B” near pins 3 and 4. (3) The SOT23-5 is only available on a 7" tape and reel
(e.g. ordering 250 pieces of “OPA651N-250” will get a single 250 piece tape and reel. Ordering 3000 pieces of “OPA651N-3k” will get a single 3000 piece tape and reel).
Please refer to Appendix B of Burr-Brown IC Data Book for detailed Tape and Reel Mechanical information.
PACKAGE/ORDERING INFORMATION
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn