Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA650 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA650
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA650 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  OPA650 Datasheet HTML 1Page - Burr-Brown (TI) OPA650 Datasheet HTML 2Page - Burr-Brown (TI) OPA650 Datasheet HTML 3Page - Burr-Brown (TI) OPA650 Datasheet HTML 4Page - Burr-Brown (TI) OPA650 Datasheet HTML 5Page - Burr-Brown (TI) OPA650 Datasheet HTML 6Page - Burr-Brown (TI) OPA650 Datasheet HTML 7Page - Burr-Brown (TI) OPA650 Datasheet HTML 8Page - Burr-Brown (TI) OPA650 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
®
OPA650
5
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, and RFB = 402Ω, unless otherwise noted. RFB = 25Ω for Gain of +1.
LARGE SIGNAL TRANSIENT RESPONSE
(G = +1)
Time (5ns/div)
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
CLOSED-LOOP BANDWIDTH (G = +1)
Frequency (Hz)
6
3
0
–3
–6
–9
1M
10M
100M
1G
DIP Bandwidth
= 520MHz
SO-8 Bandwidth
= 560MHz
CLOSED-LOOP BANDWIDTH (G = +5)
Frequency (Hz)
20
17
14
11
8
5
2
–1
1M
10M
100M
1G
SO-8/DIP Bandwidth = 37MHz
CLOSED-LOOP BANDWIDTH (G = +2)
Frequency (Hz)
12
9
6
3
0
–3
–6
–9
–12
1M
10M
100M
1G
SO-8/DIP Bandwidth = 140MHz
RECOMMENDED ISOLATION RESISTANCE
vs CAPACITIVE LOAD
40
30
20
10
0
0
20
40
60
80
100
Capacitive Load, C
L
(pF)
OPA650
C
L
1k
R
ISO
25
SMALL SIGNAL TRANSIENT RESPONSE
(G = +1)
Time (5ns/div)
200
160
120
80
40
0
–40
–80
–120
–160
–200


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn