Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

OPA643 Fiches technique(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce OPA643
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA643 Fiches technique(HTML) 5 Page - Burr-Brown (TI)

  OPA643 Datasheet HTML 1Page - Burr-Brown (TI) OPA643 Datasheet HTML 2Page - Burr-Brown (TI) OPA643 Datasheet HTML 3Page - Burr-Brown (TI) OPA643 Datasheet HTML 4Page - Burr-Brown (TI) OPA643 Datasheet HTML 5Page - Burr-Brown (TI) OPA643 Datasheet HTML 6Page - Burr-Brown (TI) OPA643 Datasheet HTML 7Page - Burr-Brown (TI) OPA643 Datasheet HTML 8Page - Burr-Brown (TI) OPA643 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
®
OPA643
5
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±5V, RL = 100Ω, RF = 402Ω, unless otherwise noted.
5MHz 2ND HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–70
–75
–80
–85
–90
–95
–100
R
L = 500Ω
R
L = 100Ω
R
L = 200Ω
5MHz 3RD HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–70
–75
–80
–85
–90
–95
–100
R
L = 200Ω
R
L = 100Ω
R
L = 500Ω
10MHz 2ND HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–60
–65
–70
–75
–80
–85
–90
R
L = 100Ω
R
L = 500Ω
R
L = 200Ω
10MHz 3RD HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–60
–65
–70
–75
–80
–85
–90
R
L = 500Ω
R
L = 100Ω
R
L = 200Ω
20MHz 2ND HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–60
–65
–70
–75
–80
–85
–90
R
L = 100Ω
R
L = 200Ω
R
L = 500Ω
20MHz 3RD HARMONIC DISTORTION
Output Voltage Swing (Vp-p)
1
0.1
10
G = +5
–60
–65
–70
–75
–80
–85
–90
R
L = 200Ω
R
L = 500Ω
R
L = 100Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn