Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TC0144A Datasheet(Fiches technique) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numéro de pièce TC0144A
Description  SAW Resonator 868.35 MHz SMD 5X5 mm
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0144A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0144A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datenblatt HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datenblatt HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datenblatt HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datenblatt HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Resonator 868.35 MHz SMD 5X5 mm
TST Parts No.: TC0144A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Vincent Liu
Approval by:
Vincent Lee
Date:
2002/7/17


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn